Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM90 Datasheet(PDF) 9 Page - ASM GmbH

Part # COM90
Description  Doppel-Grenzwertschalter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

COM90 Datasheet(HTML) 9 Page - ASM GmbH

Back Button COM90 Datasheet HTML 2Page - ASM GmbH COM90 Datasheet HTML 3Page - ASM GmbH COM90 Datasheet HTML 4Page - ASM GmbH COM90 Datasheet HTML 5Page - ASM GmbH COM90 Datasheet HTML 6Page - ASM GmbH COM90 Datasheet HTML 7Page - ASM GmbH COM90 Datasheet HTML 8Page - ASM GmbH COM90 Datasheet HTML 9Page - ASM GmbH COM90 Datasheet HTML 10Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ASM GmbH
DAB-COM90-E-05
Tel.: 08123/986-0
Fax: 08123/986-500
www.asm-sensor.de
4
Operating Instructions
Connection
1: Power supply + (24 V DC)
2: Power supply - (24 V DC) / Ground
3: Analog Input - (Ground)
4: Analog Input + (current 0/4-20mA or voltage 0-10V or 0-400 mV)
5:
6: Relay 1
The optional relay2 has tree 2.8mm flat connectors on the top of the module (KTE-version two
7: Relay 1
screw terminals).
8: Relay 1
Adjustment of Switching Limits, Status-LEDs
The two thresholds “low” and “high” are adjusted via two front-plate potentiometers. Three status LEDs show the
position of the input: input values below “low” threshold, between “low” and “high” (window) and above “high”.
DIL-Switches
Operating Mode
Switch
Limit switch
2 off 3 off
Window comparator
2 on 3 off
Two-position controller 2 off 3 on
Inversion Relay 1
5 on
Inversion Relay 2
4 on
Input
Switch
0-400 mV 1 off 6 off
0-10 V
1 on 6 off
0-20 mA 1 off 6 on
Note: Switch 2 and 3 may not both be simultaneously „on“.
Operating Modes
1.
Limit switch: Relay 1 is controlled by the lower threshold („low“, relay 2 (if it exists) is controlled by the
upper threshold („high“). Both relays operate independently.
2.
Two position controller: The switching points are calibrated via the two thresholds „low“ and „high“
(hysteresis). Applications: e.g. for level control („low“ on, „high“: off).
3.
Window comparator
Factory Configuration:
Hysteresis:
ca. 0.5 %
Delay:
Minimum
Operating mode: Window comparator
Input:
Voltage 0-10 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com