Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM90 Datasheet(PDF) 8 Page - ASM GmbH

Part # COM90
Description  Doppel-Grenzwertschalter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

COM90 Datasheet(HTML) 8 Page - ASM GmbH

Back Button COM90 Datasheet HTML 2Page - ASM GmbH COM90 Datasheet HTML 3Page - ASM GmbH COM90 Datasheet HTML 4Page - ASM GmbH COM90 Datasheet HTML 5Page - ASM GmbH COM90 Datasheet HTML 6Page - ASM GmbH COM90 Datasheet HTML 7Page - ASM GmbH COM90 Datasheet HTML 8Page - ASM GmbH COM90 Datasheet HTML 9Page - ASM GmbH COM90 Datasheet HTML 10Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ASM GmbH
DAB-COM90-E-05
Tel.: 08123/986-0
Fax: 08123/986-500
www.asm-sensor.de
3
Input
Current: DC-currents up to 20 mA, input impedance
ca. 100 Ohm. Overvoltage protection up to 30 V (self
resetting PTC-fuse). Surge/burst protection up to 3
kV.
Voltage: Range 1: 0-400 mV, input impedance ca.
100 MOhm; range 2: 0-10 V, input impedance 250
kOhm. Upon request up to 60 VDC, also negative
voltages. Overvoltage protection up to 30 V (self
resetting PTC-fuse). Surge/burst protection up to 3
kV.
Relays:
Relays with gold plated , switching uV/uA as well as
2A/250VAC. Test voltage: 1000 V
Operating Modes
•
One or two independent limiting values
(thresholds, relays 1 and 2)
•
Window comparator (only relay 1)
•
Two-position controller (only relay 1)
The operating mode is selected by DIL-switches.
Supply
All
modules
are
suited
for
unregulated,
noisy
industrial power supplies; nominal value is 24 VDC
(min. 20V, max. 30V). Other supply voltages on
request. Option: isolated power supply.
Operating modes/Settings
•
Input: 0-400 mV, 0-10 V, 0-20 mA: DIL-Switch
•
Relay inversion switching status: DIL-Switch
•
Hysteresis (0.1-2 %): trimming potentiometer
•
Time delay (0.05 - 1 sec., only for relay 1):
trimming potentiometer (option)
Options
•
DC-DC-converter for power supply (0.7 or 3 kV
test voltage)
•
Second relay (only for „high“ limiting value)
•
Time delays (only for relay 1). Adustable input
filter.
•
Open input detection, current interruption (4-20
mA) detection. Such a condition will switch the
relays off (safe status, independent of operating
condition).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com