Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3102T8 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXGD3102T8
Description  ACTIVE OR?섾NG CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3102T8 Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXGD3102T8 Datasheet HTML 1Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 2Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 3Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 4Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 5Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 6Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 7Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 8Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Issue 3, January 2009
5
www.diodes.com
©Diodes Incorporated 2008
ZXGD3102T8
Operation
The operation of the device is described step-by-step with reference to the timing diagram below.
1. The detector monitors the MOSFET Drain-Source voltage.
2. At system start up, the MOSFET body diode is forced to conduct current from the input power
supply to the load and there is approximately -0.6V on the Drain pin.
3. The detector outputs a positive voltage with respect to ground, this voltage is then fed to the
MOSFET driver stage and current is sourced out of the GATEH pin. The turn on time of the MOSFET
can be programmed through an external resistor RG. Refer to “Speed vs. Gate resistance” graph.
4. The current out of the GATEH pin is sourced into the OR’ing MOSFET Gate to turn the device on.
5. The GATEH output voltage is proportional to the Drain-Source voltage drop across the MOSFET
due to the load current flowing through the MOSFET. The controller increases its output gate voltage
when the Drain current is high to ensure full MOSFET enhancement
6. If a short condition occurs on the input power supply it causes the OR’ing MOSFET Drain current to
fall very quickly.
7. When the Drain-Source differential voltage drops below the turn off threshold, the MOSFET Gate
voltage is pulled low by GATEL, turning the device off. This prevents high reverse current flow from
the load to the input power supply which could pull down the common bus voltage causing
catastrophic system failure
MOSFET
Drain Voltage
MOSFET
Gate Voltage
MOSFET
Gate Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com