Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3102T8 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXGD3102T8
Description  ACTIVE OR?섾NG CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3102T8 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXGD3102T8 Datasheet HTML 1Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 2Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 3Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 4Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 5Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 6Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 7Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 8Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Issue 3, January 2009
3
www.diodes.com
©Diodes Incorporated 2008
ZXGD3102T8
DC Electrical characteristics at TA = 25°C;
VCC = 10V; RBIAS = 3.3kΩ ; RREF=3.9kΩ
Parameter
Symbol
Conditions
Min.
Typ
Max.
Unit
Input and supply characteristics
Operating current
IOP
VDRAIN ≤ -100m V
-
2.4
-
mA
VDRAIN ≥ 0V
-
5.2
-
Gate Driver
Turn-off Threshold Voltage(**)
VT
VG = 1V, (*)
-50
-24
0
mV
GATE output voltage (**)
VG(off)
VDRAIN ≥ 0V, (*)
-
0.58
1
V
VG
VDRAIN = -60mV, ( )
4.1
7
-
VDRAIN = -80mV, ( )
6.5
8.5
-
VDRAIN = -100mV, ( )
8.0
9
-
VDRAIN = -140mV, ( )
8.5
9.4
-
GATEH peak source current
ISOURCE
VGH = 1V
2
-
A
GATEL peak sink current
ISINK
VGL = 5V
5
-
-
A
DC Electrical Characteristics at TA = 25°C;
VCC = 10V; RBIAS = 3.9kΩ ; RREF=3.9kΩ
Parameter
Symbol
Conditions
Min.
Typ
Max.
Unit
Input and supply characteristics
Operating current
IOP
VDRAIN ≤ -100m V
-
2.4
-
mA
VDRAIN ≥ 0V
-
4.8
-
Gate Driver
Turn-off Threshold Voltage(**)
VT
VG = 1V, (*)
-55
-29
0
mV
GATE output voltage (**)
VG(off)
VDRAIN ≥ 0V, (*)
-
0.57
1
V
VG
VDRAIN = -60mV, ( )
3.5
6.5
-
VDRAIN = -80mV, ( )
6.5
8.5
-
VDRAIN = -100mV, ( )
8.0
8.8
-
VDRAIN = -140mV, ( )
8.5
9.4
-
GATEH peak source current
ISOURCE
VGH = 1V
2
-
A
GATEL peak sink current
ISINK
VGL = 5V
5
-
-
A
Notes:
(**)
GATEH connected to GATEL
(*)
RH = 100kΩ, RL = O/C
( )
RL = 100kΩ, RH = O/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com