Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3102T8 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXGD3102T8
Description  ACTIVE OR?섾NG CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3102T8 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXGD3102T8 Datasheet HTML 1Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 2Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 3Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 4Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 5Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 6Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 7Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 8Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Issue 3, January 2009
2
www.diodes.com
©Diodes Incorporated 2008
ZXGD3102T8
Absolute maximum ratings
Parameter
Symbol
Limit
Unit
Supply voltage
1
VCC
15
V
Continuous Drain pin voltage
1
VD
-3 to180
V
GATEH and GATEL output Voltage
1
VG
-3 to VCC + 3
V
Driver peak source current
ISOURCE
4
A
Driver peak sink current
ISINK
7
A
Reference current
IREF
25
mA
Bias voltage
VBIAS
VCC
V
Bias current
IBIAS
100
mA
Power dissipation at TA =25°C
PD
500
mW
Operating junction temperature
Tj
-40 to +150
°C
Storage temperature
Tstg
-50 to +150
°C
Notes:
1. All voltages are relative to GND pin
Thermal resistance
Parameter
Symbol
Value
Unit
Junction to ambient (*)
RθJA
250
°C/W
Junction to case (†)
RθJC
54
°C/W
Notes:
(*) Mounted on minimum 1oz copper on FR4 PCB in still air conditions
(†) Output Drivers – Junction to solder point at the end of the lead 5 and 6
ESD Rating
Model
Rating
Unit
Human body
4,000
V
Machine
400
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com