Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3102T8 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXGD3102T8
Description  ACTIVE OR?섾NG CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3102T8 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXGD3102T8 Datasheet HTML 1Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 2Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 3Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 4Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 5Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 6Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 7Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 8Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Issue 3, January 2009
4
www.diodes.com
©Diodes Incorporated 2008
ZXGD3102T8
Transient Electrical Characteristics at TA = 25°C;
VCC = 10V; RBIAS = 3.3 kΩ to 3.9kΩ ; RREF=3.9kΩ
Turn on Propagation delay
td1
CL = 10nF,,
CBIAS = 2.2nF,
( )
(a)
880
ns
Turn off Propagation delay
td2
52
ns
Gate rise time
tr
5100
ns
Gate fall time
tf
110
ns
(a) Refer to Fig 4: test circuit and Fig 5: timing diagram
Schematic Symbol and Pin Out Details
Pin No.
Symbol
Description and function
1
NC
No connection
This pin can be connected to GND
2
REF
Reference
This pin is connected to VCC via resistor, RREF. RREF should be selected to
source approximately 2.4mA into this pin. See Note 1
3
GATEL
Gate turn off
This pin sinks current, ISINK, from the OR’ing MOSFET Gate.
4
GATEH
Gate turn on
This pin sources current, ISOURCE, to the OR’ing MOSFET Gate.
5
VCC
Power Supply
This is the supply pin. It is recommended to decouple this point to ground closely
with a ceramic capacitor.
6
GND
Ground
This is the ground reference point. Connect to the OR’ing MOSFET Source
terminal.
7
BIAS
Bias
This pin is connected to VCC via resistor, RBIAS. RBIAS should be selected to
source 1.2 times IREF into this pin. See Note 1
8
DRAIN
Drain connection
This pin connects directly to the OR’ing MOSFET Drain terminal.
Note 1- BIAS and REF pins should be assumed to be at GND+0.7V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com