Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3102T8 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXGD3102T8
Description  ACTIVE OR?섾NG CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3102T8 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button ZXGD3102T8 Datasheet HTML 3Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 4Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 5Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 6Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 7Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 8Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 9Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 10Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Issue 3, January 2009
7
www.diodes.com
©Diodes Incorporated 2008
ZXGD3102T8
Typical characteristics
0
5
10
15
20
25
30
0
2
4
6
8
10
0.0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8
10
-50
-25
0
25
50
75
100
125
150
0.08
0.10
0.12
0.14
0.16
10.4
10.6
10.8
11
11.2
11.4
-50
-25
0
25
50
75
100
125
150
2.80
2.85
2.90
2.95
5.15
5.20
5.25
V
D
Switch-On Speed
Time (μs)
V
G
V
CC
=10V
R
BIAS
=3.9kΩ
R
REF
=3.9kΩ
C
LOAD
=3.3nF
R
LOAD
=100kΩ
V
CC
=10V
R
BIAS
=3.9kΩ
R
REF
=3.9kΩ
C
LOAD
=3.3nF
R
LOAD
=100kΩ
V
G
V
D
Switch-Off Speed
Time (μs)
V
CC
=10V
R
BIAS
=3.9kΩ
R
REF
=3.9kΩ C
BIAS
=1.0nF
C
LOAD
=3.3nF R
LOAD
=100kΩ
ton
toff
Speed vs Temperature
Temperature (°C)
I
OFF
Supply Current vs Temperature
V
CC
=10V
R
BIAS
=3.9kΩ
R
REF
=3.9kΩ
R
LOAD
=100kΩ
Temperature (°C)
I
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com