Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3102T8 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXGD3102T8
Description  ACTIVE OR?섾NG CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3102T8 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXGD3102T8 Datasheet HTML 1Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 2Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 3Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 4Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 5Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 6Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 7Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 8Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Issue 3, January 2009
1
www.diodes.com
© Diodes Incorporated 2008
A Product Line of
Diodes Incorporated
ZXGD3102T8
ACTIVE OR’ING CONTROLLER
Description
The ZXGD3102 is intended to drive MOSFETS
configured as ideal diode replacements. The
device is comprised of a differential amplifier
detector stage and high current driver. The
detector monitors the reverse voltage of the
MOSFET such that if body diode conduction
occurs a positive voltage is applied to the
MOSFET’s Gate pin.
Once the positive voltage is applied to the Gate
the MOSFET switches on allowing reverse current
flow.
The
detectors’
output
voltage
is
then
proportional to the MOSFET Drain-Source reverse
voltage drop and this is applied to the Gate via the
driver. This action provides a rapid turn off as
current decays.
Features
• Turn-off time typically 160ns
• 180V blocking voltage
• Proportional Gate drive
• 2A Source, 5A Sink driver
• V
CC Range 5-15V
• Low component count
Applications
• High Side OR’ing diode replacement for
Servers, Computer
• Low Side OR’ing diode replacement for
Telecoms
• Ideal diode applications
Pin out details
Typical Configuration
Ordering information
Device
Status
Package
Part Mark
Reel size
(inches)
Tape width
(mm)
Quantity per reel
ZXGD3102T8TA
Active
SM8
ZXGD3102
7
12
1000
N/C
1
2
3
4
8
7
6
5
REF
GATEH
GATEL
DRAIN
BIAS
V
CC
GND
SM8


Similar Part No. - ZXGD3102T8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3102T8TA DIODES-ZXGD3102T8TA Datasheet
389Kb / 15P
ACTIVE OR?섾NG CONTROLLER
MAY 2009
More results

Similar Description - ZXGD3102T8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC981 HITTITE-HMC981 Datasheet
755Kb / 18P
ACTIVE BIAS CONTROLLER
HMC981LP3E HITTITE-HMC981LP3E Datasheet
1Mb / 17P
ACTIVE BIAS CONTROLLER
HMC920LP5E HITTITE-HMC920LP5E Datasheet
1Mb / 26P
ACTIVE BIAS CONTROLLER
HMC980 HITTITE-HMC980_12 Datasheet
1Mb / 20P
Active Bias Controller
logo
Diodes Incorporated
ZXGD3102 DIODES-ZXGD3102 Datasheet
389Kb / 15P
ACTIVE OR?섾NG CONTROLLER
MAY 2009
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
Active ORing Controller
logo
Analog Devices
HMC981 AD-HMC981 Datasheet
871Kb / 18P
ACTIVE BIAS CONTROLLER
HMC981LP3E AD-HMC981LP3E Datasheet
980Kb / 17P
ACTIVE BIAS CONTROLLER
logo
Diodes Incorporated
ZXGD3112N7 DIODES-ZXGD3112N7 Datasheet
465Kb / 14P
ACTIVE OR-ING MOSFET CONTROLLER
Rev erse
ZXGD3111N8 DIODES-ZXGD3111N8 Datasheet
576Kb / 10P
200V ACTIVE OR-ING MOSFET CONTROLLER IN SO8
February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com