Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3102T8 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZXGD3102T8
Description  ACTIVE OR?섾NG CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3102T8 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button ZXGD3102T8 Datasheet HTML 5Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 6Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 7Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 8Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 9Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 10Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 11Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 12Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Issue 3, January 2009
9
www.diodes.com
©Diodes Incorporated 2008
ZXGD3102T8
Component Selection
It is advisable to decouple the ZXGD3102 closely to VCC and ground due to the possibility of high peak
gate currents, as indicated by C1 in Figure 4. In applications where the input voltage is higher than
12V, it is recommended to use a zener diode, ZD1 as shown in the Typical Application Circuit on page
1, and in Figure 2, in order to limit the VCC supply voltage to the ZXGD3102 and also to limit the
maximum voltage applied to the gate of the MOSFET. A suitable value for the zener is 10V.
The proper selection of external resistors RREF and RBIAS is important to the optimum device operation.
Select a value for resistor RREF to give a reference current, IREF, of ~2.4mA. The value of RBIAS must
then be ~1.2 times the value of RREF to give a bias current, IBIAS, of 1.2 times IREF .
External gate resistors are optional. They can be inserted to control the rise times which may help with
EMI issues, power supply consumption issues or dissipation within the part.
RREF = (VCC -0.7V)/ 0.0024
RBIAS = (VCC -0.7V)/ 0.0028
The addition of CBIAS controls the switch-on delay of the MOSFET, and ensures stability. A suitable
value is 1nF.
Layout considerations
The Gate pins should be as close to the MOSFET Gate as possible. Also the ground return loop
should be as short as possible. The decoupling capacitor should be close to the VCC and Ground pin,
and should be a X7R type. Trace widths should be maximized in the high current path through the
MOSFET and ground return in order to minimize the effects of circuit inductance and resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com