Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB12C01APZ Datasheet(PDF) 10 Page - Texas Instruments

Part # TSB12C01APZ
Description  High-Speed Serial-Bus Link-Layer Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01APZ Datasheet(HTML) 10 Page - Texas Instruments

Back Button TSB12C01APZ Datasheet HTML 6Page - Texas Instruments TSB12C01APZ Datasheet HTML 7Page - Texas Instruments TSB12C01APZ Datasheet HTML 8Page - Texas Instruments TSB12C01APZ Datasheet HTML 9Page - Texas Instruments TSB12C01APZ Datasheet HTML 10Page - Texas Instruments TSB12C01APZ Datasheet HTML 11Page - Texas Instruments TSB12C01APZ Datasheet HTML 12Page - Texas Instruments TSB12C01APZ Datasheet HTML 13Page - Texas Instruments TSB12C01APZ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
1–4
1.4
Terminal Functions
Phy Interface
D0 – D7
CTL0
CTL1
LREQ
ISO
SCLK
DATA0 – DATA31
ADDR0 – ADDR7
CS
CA
WR
INT
CYCLEIN
CYCLEOUT
BCLK
RESET
RAMEz
VCC
GND
Host
Bus
10
20
TSB12C01A
NTCLK
NTOUT
NTBIHIZ
CYST
CYDNE
GRFEMP
POWERON
Figure 1–1. TSB12C01A Terminal Functions
Table 1–1. Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
Host Bus Interface
ADDR0 –
ADDR7
22 – 25
27 – 30
I
Address 0 through address 7. Host bus address bus bits 0 through 7 that address
the quadlet-aligned FIFOs and configuration registers. The two least significant
address lines, 6 and 7, must be grounded.
CA
35
O
Cycle acknowledge (active low). CA is a TSB12C01A control signal to the host bus.
When asserted (low), access to the configuration registers or FIFO is complete.
CS
34
I
Cycle start (active low). CS is a host bus control signal to enable access to the
configuration registers or FIFO.
DATA0 –
DATA31
2–5
7–10
12 – 15
17 – 20
82 – 85
87 – 90
92 – 95
97 – 100
I/O
Data 0 through 31. DATA is a host bus data bus bits 0 through 31.
INT
37
O
Interrupt (active low). When INT is asserted (low), the TSB12C01A notifies the host
bus that an interrupt has occurred.
WR
36
I
Read/write enable. When WR is deasserted (high) in conjunction with CS, a read
from the TSB12C01A is requested. When WR is asserted (low) in conjunction with
CS, a write to the TSB12C01A is requested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com