Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB12C01APZ Datasheet(PDF) 28 Page - Texas Instruments

Part # TSB12C01APZ
Description  High-Speed Serial-Bus Link-Layer Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01APZ Datasheet(HTML) 28 Page - Texas Instruments

Back Button TSB12C01APZ Datasheet HTML 24Page - Texas Instruments TSB12C01APZ Datasheet HTML 25Page - Texas Instruments TSB12C01APZ Datasheet HTML 26Page - Texas Instruments TSB12C01APZ Datasheet HTML 27Page - Texas Instruments TSB12C01APZ Datasheet HTML 28Page - Texas Instruments TSB12C01APZ Datasheet HTML 29Page - Texas Instruments TSB12C01APZ Datasheet HTML 30Page - Texas Instruments TSB12C01APZ Datasheet HTML 31Page - Texas Instruments TSB12C01APZ Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
3–12
3.3.2
ATF Access
The procedure to access to the ATF is as follows:
1.
Write the first quadlet of the packet to ATF location 80h: the data is not confirmed for transmission.
2.
Write the second n–1 quadlets of the packet to ATF location 84h: the data is not confirmed for
transmission.
3.
Write the final quadlet of the packet to ATF location 8Ch: the data is confirmed for transmission.
If the first quadlet of a packet is not written to the ATF_First address, the transmitter enters a state
denoted by an ATStuck interrupt. An underflow of the ATF also causes an ATStuck interrupt.
When this state is entered, no asynchronous packets can be sent until the ATF is cleared via the
CLR ATF control bit. Isochronous packets can be sent while in this state.
Ack code = 0000b is reserved, however, the TSB12C01A uses ATAck code = 0000b to indicate
that no acknowledgement was received. For example, if an asynchronous write is addressed to a
nonexistent address, the TSB12C01 waits until a time out occurs and then sets ATAck (in the
node address register) to 0000b. After the asychonous command is sent, the sender reads
ATAck. If ATAck = 0000b, then a time out has occurred (i.e., no response from any node was
received).
ATF access example:
The first quadlet of n quadlets is written to ATF location 80h. Quadlets (2 to n-1) are written to ATF
location 84h. The last quadlet (nth) is written to ATF location 8Ch. If the ATFEmpty bit is true, it is
set to false and the TSB12C01A requests the phy layer to arbitrate for the bus. To ensure that an
ATF underflow condition does not occur, loading of the ATF in this manner is suggested.
After loading the ATF with an asychronous packet and sending it, the software driver needs to
wait until the TxRdy bit (bit 5) of the Interrupt register is set to 1 before reading ATAck. When
TxRdy is set to 1, this indicates that the transmitter has received an ACK or time out. So the
correct ATAck can then be read from the node address register. In order to receive the next Ack
code, the TxRdy bit needs to be cleared to 0.
3.3.3
ITF Access
The procedure to access to the ITF is as follows:
1.
Write to ITF location 90h: the data is not confirmed for transmission (first quadlet of the packet).
2.
Write to ITF location 94h: the data is not confirmed for transmission (second n–1 quadlets of the
packet).
3.
Write to ITF location 98h: the data is confirmed for transmission (first quadlet of the packet). The
read logic sees all data written to the FIFO since the last confirm (update).
4.
Write to ITF location 9Ch: the data is confirmed for transmission (second n quadlet of the packet).
If the first quadlet of a packet is not written to the ITF_First or ITF_First&Update, the transmitter
enters a state denoted by an ITStuck interrupt. An underflow of the ITF also causes an ITStuck
interrupt. When this state is entered, no isochronous packets can be sent until the ITF is cleared
by the CLR ITF control bit. Asynchronous packets can be sent while in this state.
ITF access example:
The first quadlet of n quadlets is written to ITF location 90h. Quadlets (2 to n-1) are written to ITF
location 94h. The last quadlet (nth) is written to ITF location 9Ch. If the ITFEmpty is true, it is set to
false and the TSB12C01A requests the phy layer to arbitrate for the bus. To ensure that an ITF
underflow condition does not occur, loading of the ITF in this manner is suggested.
3.3.4
General-Receive-FIFO (GRF)
Access to the GRF is done with a read from the GRF, which requires a read from address C0h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com