Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB12C01APZ Datasheet(PDF) 19 Page - Texas Instruments

Part # TSB12C01APZ
Description  High-Speed Serial-Bus Link-Layer Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01APZ Datasheet(HTML) 19 Page - Texas Instruments

Back Button TSB12C01APZ Datasheet HTML 15Page - Texas Instruments TSB12C01APZ Datasheet HTML 16Page - Texas Instruments TSB12C01APZ Datasheet HTML 17Page - Texas Instruments TSB12C01APZ Datasheet HTML 18Page - Texas Instruments TSB12C01APZ Datasheet HTML 19Page - Texas Instruments TSB12C01APZ Datasheet HTML 20Page - Texas Instruments TSB12C01APZ Datasheet HTML 21Page - Texas Instruments TSB12C01APZ Datasheet HTML 22Page - Texas Instruments TSB12C01APZ Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 59 page
background image
3–3
Table 3–1. Version/Revision Register Field Descriptions
BITS
ACRONYM
FUNCTION NAME
DESCRIPTION
0–15
Version
Version
Version of the TSB12C01A
16 – 31
Revision
Revision
Revision of the TSB12C01A
3.2.2
Node-Address/Transmitter Acknowledge Register
The node-address/transmitter acknowledge register controls which packets are accepted/rejected, and it
presents the last acknowledge received for packets sent from the ATF. This register is at offset 04h. The
bus number and node number fields are read/write. The AT acknowledge (ATAck) received is normally read
only. Setting the regRW bit in the diagnostic register makes these fields read/write. The initial value is
FFFF_0000h.
Table 3–2. Node-Address/ Transmitter Acknowledge Register Field Descriptions
BITS
ACRONYM
FUNCTION NAME
DESCRIPTION
0–9
BusNumber
Bus number
BusNumber is the 10-bit IEEE 1212 bus number that the
TSB12C01A uses with the node number in the SOURCE address
for outgoing packets and to accept or reject incoming packets. The
TSB12C01A always accepts packets with a bus number equal to
3FFh.
10 – 15
NodeNumber
Node number
NodeNumber is the 6-bit node number that the TSB12C01A uses
with the bus number in the source address for outgoing packets and
to accept or reject incoming packets. The TSB12C01A always
accepts packets with the node address equal to 3Fh. See
BlkBusDep bits in Table 3–3 for exceptions.
16 – 23
Reserved
Reserved
Reserved
24 – 27
ATAck
Address transmitter
acknowledge
received
ATAck is the last acknowledge received by the transmitting node in
response to a packet sent from the asynchronous transmit-FIFO.
When an acknowledge time out occurs, the value written to ATAck
is 0h. See Table 6–13 in IEEE 1394-1995 standard for acknowledge
codes.
28 – 31
Reserved
Reserved
Reserved
3.2.3
Control Register
The control register dictates the basic operation of the TSB12C01A. This register is at address 08h and is
read/write. The initial value is 0000_0000h.
Table 3–3. Control-Register Field Descriptions
BITS
ACRONYM
FUNCTION NAME
DESCRIPTION
0
IdVal
ID Valid
When IdVal is set, the TSB12C01A accepts packets addressed to
the IEEE 1212 address set (Node Number) in the node-address
register. When IdVal is cleared, the TSB12C01A accepts only
broadcast packets.
1
RxSId
Received self-ID
packets
When RxSId is set, the self-identification packets generated by phy
chips during bus initialization are received and placed into the GRF
as a single packet. Each self-identification packet is composed of
two quadlets, where the second quadlet is the logical inverse of the
first. If ACK (4 bits) equals 1h, then the data is good. If ACK equals
Dh, then the data is wrong.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com