Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB12C01APZ Datasheet(PDF) 33 Page - Texas Instruments

Part # TSB12C01APZ
Description  High-Speed Serial-Bus Link-Layer Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01APZ Datasheet(HTML) 33 Page - Texas Instruments

Back Button TSB12C01APZ Datasheet HTML 29Page - Texas Instruments TSB12C01APZ Datasheet HTML 30Page - Texas Instruments TSB12C01APZ Datasheet HTML 31Page - Texas Instruments TSB12C01APZ Datasheet HTML 32Page - Texas Instruments TSB12C01APZ Datasheet HTML 33Page - Texas Instruments TSB12C01APZ Datasheet HTML 34Page - Texas Instruments TSB12C01APZ Datasheet HTML 35Page - Texas Instruments TSB12C01APZ Datasheet HTML 36Page - Texas Instruments TSB12C01APZ Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
4–3
quadlet contain the node and bus ID of the source, and the remaining 16 bits of the second and third quadlets
contain the 48-bit, quadlet-aligned destination offset address. The fourth quadlet contains data that was
used by write requests and read responses. For read requests and write responses, the quadlet data field
is omitted. The last quadlet contains packet-reception status, added by the TSB12C01A.
0
1 2 3
4
5 6 7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
spd
tLabel
rt
tCode
priority
sourceID
destinationOffsetHigh
destinationOffsetLow
quadlet data (for write request and read response)
ackSent
destinationID
Figure 4–3. Quadlet-Receive Format
Table 4–3. Quadlet-Receive Format Functions
FIELD NAME
DESCRIPTION
destinationID
This is the concatenation of the 10-bit bus number and the 6-bit node number that forms the
node address to which this packet is being sent.
tLabel
This field is the transaction label, which is a unique tag for each outstanding transaction
between two nodes. This is used to pair up a response packet with its corresponding request
packet.
rt
The retry code for this packet is 00 = new, 01 = retry_X, 10 = retryA, and 11 = retryB.
tCode
tCode is the transaction code for this packet. (See Table 6–10 of the IEEE 1394-1995
standard).
priority
The priority level for this packet. For cable implementation, the value of the bits must be zero.
For backplane implementation, see clause 5.4.1.3 and 5.4.2.1 of the IEEE 1394-1995
standard.
sourceID
This is the node ID of the sender of this packet.
destination OffsetHigh,
destination OffsetLow
The concatenation of these two fields addresses a quadlet in the destination node’s address
space. This address must be quadlet aligned (modulo 4). (The upper four bits of the
destination OffsetHigh field are used as the response code for lock-response packets, and
the remaining bits are reserved.)
quadlet data
For write requests and read responses, this field holds the transferred data. For write
responses and read requests, this field is not present.
spd
This field indicates the speed at which this packet was sent. 00 = 100 Mb/s, 01 = 200 Mb/s,
10 = 400 Mb/s, and 11 is undefined for this implementation.
ackSent
This field holds the acknowledge sent by the receiver for this packet. (See Table 6–13 in the
draft standard.)
4.1.4
Block Receive
The block-receive format is shown in Figure 4–4. The first 16 bits of the first quadlet contain the node and
bus ID of the destination node, and the last 16 bits contain packet-control information. The first 16 bits of
the second quadlet contain the node and bus ID of the source node, and the last 16 bits of the second
quadlet and all of the third quadlet contain the 48-bit, quadlet-aligned destination offset address. All
remaining quadlets, except for the last one, contain data that is used only for write requests and read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com