Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB12C01APZ Datasheet(PDF) 27 Page - Texas Instruments

Part # TSB12C01APZ
Description  High-Speed Serial-Bus Link-Layer Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01APZ Datasheet(HTML) 27 Page - Texas Instruments

Back Button TSB12C01APZ Datasheet HTML 23Page - Texas Instruments TSB12C01APZ Datasheet HTML 24Page - Texas Instruments TSB12C01APZ Datasheet HTML 25Page - Texas Instruments TSB12C01APZ Datasheet HTML 26Page - Texas Instruments TSB12C01APZ Datasheet HTML 27Page - Texas Instruments TSB12C01APZ Datasheet HTML 28Page - Texas Instruments TSB12C01APZ Datasheet HTML 29Page - Texas Instruments TSB12C01APZ Datasheet HTML 30Page - Texas Instruments TSB12C01APZ Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
3–11
3.3
FIFO Access
Access to all the transmit FIFOs is fundamentally the same; only the address to where the write is made
changes.
3.3.1
General
The TSB12C01A controller FIFO-access address map shown in Figure 3–3 illustrates how the FIFOs are
mapped. The suffix _First denotes a write to the FIFO location where the first quadlet of a packet should
be written when the writer wants the packet to be held in the FIFO until a quadlet is written to an update
location.
The suffix _Continue denotes a write to the FIFO location where the second through n–1 quadlets of a packet
could be written.
The suffix _First&Update denotes a write to the FIFO location where the first quadlet of a packet should be
written when the writer wants the packet to be transmitted as soon as possible.
The suffix _Continue&Update denotes a write to the FIFO location where the second through n quadlets
of a packet could be written when the writer wants the packet to be transmitted as soon as possible. The
last quadlet of a multiple quadlet packet should be written to the FIFO location with the notation
_Continue&Update.
0
1 2 3
4
5 6 7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
ATF_First
ATF_Continue
Reserved
ATF_Continue & Update
ITF_First
ITF_Continue
Reserved
ITF_Continue & Update
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
GRF Data
Reserved
Reserved
Reserved
80h
84h
88h
8Ch
90h
94h
98h
9Ch
A0h
A4h
A8h
ACh
B0h
B4h
B8h
BCh
C0h
C4h
C8h
CCh
Figure 3–3. TSB12C01A Controller-FIFO-Access Address Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com