Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB12C01APZ Datasheet(PDF) 20 Page - Texas Instruments

Part # TSB12C01APZ
Description  High-Speed Serial-Bus Link-Layer Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01APZ Datasheet(HTML) 20 Page - Texas Instruments

Back Button TSB12C01APZ Datasheet HTML 16Page - Texas Instruments TSB12C01APZ Datasheet HTML 17Page - Texas Instruments TSB12C01APZ Datasheet HTML 18Page - Texas Instruments TSB12C01APZ Datasheet HTML 19Page - Texas Instruments TSB12C01APZ Datasheet HTML 20Page - Texas Instruments TSB12C01APZ Datasheet HTML 21Page - Texas Instruments TSB12C01APZ Datasheet HTML 22Page - Texas Instruments TSB12C01APZ Datasheet HTML 23Page - Texas Instruments TSB12C01APZ Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
3–4
Table 3–3. Control-Register Field Descriptions (Continued)
BITS
ACRONYM
FUNCTION NAME
DESCRIPTION
2–4
BsyCtrl
Busy control
These bits control which busy status (as described in IEEE 1394-1995
standard, the chip returns to incoming packets. The field is defined as
follows:
000 = follow normal busy/retry protocol, only send busy when
necessary.
001 = send busyA when it is necessary to send a busy acknowledge.
010 = send busyB when it is necessary to send a busy
acknowledge.
011 = reserved
100 = send a busy acknowledge to all incoming packets following the
normal busy/retry protocol.
101 = send a busy acknowledge to all incoming packets by sending
a busyA acknowledge.
110 = send a busy acknowledge to all incoming packets by sending
a busyB acknowledge.
111 = reserved
When retry_X is received and the receiving node needs to send a busy
acknowledge signal, it sends an ack_busy_X signal.
5
TxEn
Transmitter enable
When TxEn is cleared, the transmitter does not arbitrate or send
packets.
6
RxEn
Receiver enable
When RXEn is cleared, the receiver does not receive any packets.
7
PSBz
Physical DMA
busy
When:
1) PSOn is set,
2) PSRO is cleared or the incoming packet is a read,
3) destination offset is in the lower 4 Gbytes, and
4) PSBz is set,
the TSB12C01A sends a busy acknowledge to the incoming packet.
8
PSOn
Physical DMA on
When PSOn is set, the TSB12C01A uses PSRO and PSBz to determine
acceptance of incoming request packets addressed to the lower
4 Gbytes of initial memory space.
9
PSRO
Physical DMA read
only
When PSOn is set, the TSB12C01A uses PSRO to determine the
acceptance of incoming write request packets addressed to the lower
4 Gbytes of initial memory space.
10
RstTx
Reset transmitter
When RstTx is set, the entire transmitter resets synchronously. This bit
clears itself.
11
RstRx
Reset receiver
When RstRx is set, the entire receiver resets synchronously. This bit
clears itself.
12 – 15
BlkBusDep
Block bus-
dependent
address
This field is used by the receiver to filter out broadcast packets to the
bus-dependent area of CSR space. Setting the LSB of this field disables
the reception of broadcast packets to the lowest 128 bytes of
bus-dependent CSR space. Setting the MSB of this field disables the
reception of broadcast packets to the highest 128 bytes of
bus-dependent CSR space.
16 – 17
ATRC
AT retry code
This field contains the last retry code received. This code is logically
ORed with the retry code field (00) in the transmit packet, and the packet
is resent. This alleviates the need to change the retry code in the transmit
packet. The retry encoding follows the IEEE 1394-1995 standard. The
retry code is as follows:
00
retry_o (new)
01
retry_X
10
retry_A
11
retry_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com