Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB12C01APZ Datasheet(PDF) 18 Page - Texas Instruments

Part # TSB12C01APZ
Description  High-Speed Serial-Bus Link-Layer Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01APZ Datasheet(HTML) 18 Page - Texas Instruments

Back Button TSB12C01APZ Datasheet HTML 14Page - Texas Instruments TSB12C01APZ Datasheet HTML 15Page - Texas Instruments TSB12C01APZ Datasheet HTML 16Page - Texas Instruments TSB12C01APZ Datasheet HTML 17Page - Texas Instruments TSB12C01APZ Datasheet HTML 18Page - Texas Instruments TSB12C01APZ Datasheet HTML 19Page - Texas Instruments TSB12C01APZ Datasheet HTML 20Page - Texas Instruments TSB12C01APZ Datasheet HTML 21Page - Texas Instruments TSB12C01APZ Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
3–2
0
1 2 3
4
5 6 7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27
29 30 31
00h
Interrupt
ATAck
PhyRgAd
PhyRxAd
Version
Node
Address
Control
Reserved
Cycle
Timer
Interrupt
Mask
Isoch Port
Number
Diagnostics
Phy Chip
Access
Reserved
Reserved
ATF Status
ITF Status
Reserved
GRF Status
Reserved
BlkBusDep
04h
08h
0Ch
10h
14h
18h
1Ch
20h
24h
28h
2Ch
30h
34h
38h
3Ch
40h
28
7 Bits
IR Port1
Seconds Count
BsyCtrl
Bus Number
TAG
TAG
Rollover @ 8000
Cycle Count
13 Bits Rollover @ 3072
12 Bits
IR Port2
Node Number
Version
PhyRgData
Revision
Cycle Offset
PhyRxData
Size
Size
Size
NOTE A: All gray areas (bits) are reserved bits.
Figure 3–1. Internal Register Map
3.2.1
Version/Revision Register
The version/revision register allows software to be written that supports multiple versions of the high-speed
serial-bus link-layer controllers. This register is at address 00h and is read only. The initial value is
3031_3041h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com