Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSM100LITE Datasheet(PDF) 14 Page - rfsolutions.ltd

Part # GSM100LITE
Description  GSM & GPRS MODEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

GSM100LITE Datasheet(HTML) 14 Page - rfsolutions.ltd

Back Button GSM100LITE Datasheet HTML 10Page - rfsolutions.ltd GSM100LITE Datasheet HTML 11Page - rfsolutions.ltd GSM100LITE Datasheet HTML 12Page - rfsolutions.ltd GSM100LITE Datasheet HTML 13Page - rfsolutions.ltd GSM100LITE Datasheet HTML 14Page - rfsolutions.ltd GSM100LITE Datasheet HTML 15Page - rfsolutions.ltd GSM100LITE Datasheet HTML 16Page - rfsolutions.ltd GSM100LITE Datasheet HTML 17Page - rfsolutions.ltd GSM100LITE Datasheet HTML 18Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
DS020-7 Oct ‘06
©2006 REG No 277 4001, ENGLAND.
Page 14
GSM100 USERS MANUAL
CHAPTER 4
SPECIFICATION
Dualband GSM 900 / 1800 Mhz
Support Data, SMS, Voice and Fax
Max Power Output: 2W(900Mhz), 1W(1800Mhz)
Group 3 FAX support (Class 1 and 2)
Fargo Maestro 100 : GPRS Class B Class 10 (4Rx+1Tx or 3Rx+2Tx) at maximum speed.*
SimToolKit Class 2
AT command set (GSM 07.05, GSM 07.07 and WAVECOM proprietary)
* Note : Available slot for GPRS connection is network dependent.
Power requirement :
Input voltage range
5V – 32V
Rated current
650 mA (Fargo Maestro 100)
Typical current consumption
@5V
@12V
@32V
GSM900 communication mode PCL=5
310mA
130mA
50mA
DCS1800 communication mode PCL=5
240mA
100mA
40mA
GPRS900 Class 10 PCL=5
520mA
220mA
80mA
GPRS1800 Class 10 PCL=0
390mA
160mA
70mA
Idle mode
35mA
16mA
8mA
Idle mode with power saving on RS232
12mA
11mA
5mA
Interfaces :
SIM holder
15 pin Sub-D connector (serial and audio connection)
4-pin power supply connector
SMA antenna connector (50 ohm)
Dimensions:
Overall size:
88mm x 60mm x 26mm
Weight:
100g
Temperature range:
-15
oC to +50oC operating
-20
oC to +65oC storage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com