Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSM100LITE Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # GSM100LITE
Description  GSM & GPRS MODEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

GSM100LITE Datasheet(HTML) 2 Page - rfsolutions.ltd

  GSM100LITE Datasheet HTML 1Page - rfsolutions.ltd GSM100LITE Datasheet HTML 2Page - rfsolutions.ltd GSM100LITE Datasheet HTML 3Page - rfsolutions.ltd GSM100LITE Datasheet HTML 4Page - rfsolutions.ltd GSM100LITE Datasheet HTML 5Page - rfsolutions.ltd GSM100LITE Datasheet HTML 6Page - rfsolutions.ltd GSM100LITE Datasheet HTML 7Page - rfsolutions.ltd GSM100LITE Datasheet HTML 8Page - rfsolutions.ltd GSM100LITE Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
DS020-7 Oct ‘06
©2006 REG No 277 4001, ENGLAND.
Page 2
GSM & GPRS MODEM
GSM100LITE
GSM100T
Technical Specifications
Max Storage Temperature
-10°C to +70°C,
Max Operating Temperature
-15°C to +50°C
Dimensions
88mm x 60mm x 26mm
Weight
100grams
Electrical Characteristics
Min
Typical
Max
Units
Supply Voltage
5
32
V
Supply Current:
In Communication
Idle mode
Idle mode with RS232 power saving
450
25
13
mA
mA
mA
Interfaces:
SIM holder (integrated Drawer, accepts standard SIM card)
15 pin Sub-D type connector (for serial and audio connection)
4-pin power supply connector (micro-FITTM)
SMA antenna connector (50 ohm)
Power Supply Unit:
Input:
110-240Vac, 2 pin IEC connector
Output:
12Vdc +/-5%, 1A, 4 Pin micro-FITTM connector
Ordering Information
Part No
Description
GSM100L
GSM GPRS Class 10 Modem, dual Band
GSM100T
As GSM100L with Additional TCP/IP Stack
GSM20-Ant
Antenna with flying lead and connector
GSM20-CAB232
RS232 Cable Interface to PC
GSM20-DINRL
DIN Rail Mount Bracket
GSM20-PSU
Power Supply (110-230Vac)
For more information or general enquiries:
R F Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
Lewes, E. Sussex. BN8 6JL. England.
Email : sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
Tel: +44 (0)1273 898 000
Fax: +44 (0)1273 480 661
Information contained in this document is believed to be accurate , however no representation or warranty is given and no liability is assumed by R.F. Solutions Ltd. with respect to the accuracy of
such information. Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from RFSolutions Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com