Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSM100LITE Datasheet(PDF) 5 Page - rfsolutions.ltd

Part # GSM100LITE
Description  GSM & GPRS MODEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

GSM100LITE Datasheet(HTML) 5 Page - rfsolutions.ltd

  GSM100LITE Datasheet HTML 1Page - rfsolutions.ltd GSM100LITE Datasheet HTML 2Page - rfsolutions.ltd GSM100LITE Datasheet HTML 3Page - rfsolutions.ltd GSM100LITE Datasheet HTML 4Page - rfsolutions.ltd GSM100LITE Datasheet HTML 5Page - rfsolutions.ltd GSM100LITE Datasheet HTML 6Page - rfsolutions.ltd GSM100LITE Datasheet HTML 7Page - rfsolutions.ltd GSM100LITE Datasheet HTML 8Page - rfsolutions.ltd GSM100LITE Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
DS020-7 Oct ‘06
©2006 REG No 277 4001, ENGLAND.
Page 5
GSM100 USERS MANUAL
CHAPTER 1
INTRODUCTION
Fargo Maestro is a ready-to-use GSM modem for voice, data, fax and SMS services. It also supports GPRS Class
10(Fargo Maestro 100) for hi-speed data transfer. The modems can be easily controlled by using AT command for
all kinds of operations. With standard 9-pin RS232 port and telephone-like audio plug (via optional cable).
1.1.
Package
The Fargo Maestro package should include the following:
1.Fargo Maestro x 1
2. Power cord with fuse x 1
3. Safety note x 1
1.2.
Interfaces
1.2.1. Status indicator
The LED will indicate different status of the modem:
-
off
Modem switched off
-
on
Modem is connecting to the network
-
flashing slowly Modem is in idle mode
-
flashing rapidly Modem is in transmission/communication (GSM only)
1.2.2. SMA female antenna connector
-
Connect this to an external antenna with SMA male connector. Make sure the antenna is for the GSM900/1800
frequency with impedance of 50ohm, and also connector is secured tightly.
S
SIIM
M h
ho
olld
de
err e
ejje
ec
ctt b
bu
utttto
on
n
S
Stta
attu
us
s iin
nd
diic
ca
atto
orr
S
SIIM
M h
ho
olld
de
err
4
4--P
PIIN
N c
co
on
nn
ne
ec
ctto
orr ((P
Po
ow
we
err,, IIn
np
pu
utt // O
Ou
uttp
pu
utt))
1
15
5 p
piin
n S
Su
ub
b--D
D F
Fe
em
ma
alle
e C
Co
on
nn
ne
ec
ctto
orr
((R
RS
S2
23
32
2//A
Au
ud
diio
o))
S
SM
MA
A ffe
em
ma
alle
e a
an
ntte
en
nn
na
a c
co
on
nn
ne
ec
ctto
orr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com