Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSM100LITE Datasheet(PDF) 6 Page - rfsolutions.ltd

Part # GSM100LITE
Description  GSM & GPRS MODEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

GSM100LITE Datasheet(HTML) 6 Page - rfsolutions.ltd

Back Button GSM100LITE Datasheet HTML 2Page - rfsolutions.ltd GSM100LITE Datasheet HTML 3Page - rfsolutions.ltd GSM100LITE Datasheet HTML 4Page - rfsolutions.ltd GSM100LITE Datasheet HTML 5Page - rfsolutions.ltd GSM100LITE Datasheet HTML 6Page - rfsolutions.ltd GSM100LITE Datasheet HTML 7Page - rfsolutions.ltd GSM100LITE Datasheet HTML 8Page - rfsolutions.ltd GSM100LITE Datasheet HTML 9Page - rfsolutions.ltd GSM100LITE Datasheet HTML 10Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
DS020-7 Oct ‘06
©2006 REG No 277 4001, ENGLAND.
Page 6
GSM100 USERS MANUAL
1.2.3. 15-PIN D-SUB Female connector (RS232 / Audio)
-
The connector provides serial link and audio link to the modem.
Pin number
Name
EIA designation
Type
Note
1
DCD
Data Carrier Detect
Output
2
TX
Transmit Data
Input
3
BOOT
Input
Not used
4
MICROPHONE (+)
Input
5
MICROPHONE (-)
Input
6
RX
Receive Data
Output
7
DSR
Data Set Ready
Output
8
DTR
Data Terminal Ready
Input
9
GND
Ground
Ground
10
SPEAKER(+)
Output
11
CTS
Clear to Send
Output
12
RTS
Request to Send
Input
13
RI
Ring Indicator
Output
14
RESET
Input
Pull low to reset
15
SPEAKER(-)
Output
Specification of microphone and speaker to be connected :
Parameters
Min
Typical
Max
Remark
Microphone current @2V / 2K Ohm
0.5 mA
Microphone input level
100
mVpp
Speaker output current 150 Ohm/
1nF
16mA
Speaker impedance
32ohm
Please refer to the document “Application notes - Power supply & Audio” for more information of audio connection.
1.2.4. 4-PIN modem socket (Power, Input / Output)
Pin assignment of 4-pin connector
Pin number
Name
Functions
1
I/O
Input / Output port
2
~INTR
Interrupt function triggered by pulling this pin to
ground or LOW level; reserved for additional
functions with new firmware
3
POWER -
DC power negative input
4
POWER +
DC power positive input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com