Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSM100LITE Datasheet(PDF) 10 Page - rfsolutions.ltd

Part # GSM100LITE
Description  GSM & GPRS MODEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

GSM100LITE Datasheet(HTML) 10 Page - rfsolutions.ltd

Back Button GSM100LITE Datasheet HTML 6Page - rfsolutions.ltd GSM100LITE Datasheet HTML 7Page - rfsolutions.ltd GSM100LITE Datasheet HTML 8Page - rfsolutions.ltd GSM100LITE Datasheet HTML 9Page - rfsolutions.ltd GSM100LITE Datasheet HTML 10Page - rfsolutions.ltd GSM100LITE Datasheet HTML 11Page - rfsolutions.ltd GSM100LITE Datasheet HTML 12Page - rfsolutions.ltd GSM100LITE Datasheet HTML 13Page - rfsolutions.ltd GSM100LITE Datasheet HTML 14Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
DS020-7 Oct ‘06
©2006 REG No 277 4001, ENGLAND.
Page 10
GSM100 USERS MANUAL
2.4 Connect the modem to external device
You can use the optional ‘Y’ cable to connect the modem’s Sub-D connector to external controller/computer. Note :
The modem CANNOT be connected to the ‘Line’ jack of a landline telephone directly.
Connection example using optional ‘Y’ cable:
2.5 Connecting the DC power supply
Connect the open ending of the included power cord to a DC supply. Refer to the following for power supply
requirement.
Input voltage range
5V – 32V
Rated current
650mA
Connect the connector to the modem. The modem will turn on automatically.
The status indicator on the modem will be lit when power on. After a few seconds it will go flashing slowly
(registered to the network successfully, refer section 1.2.1).
Chapter 3 describes how to communicate with the modem in Microsoft Windows
TM environment.
R
RS
S--2
23
32
2 p
po
orrtt o
off P
PC
C
H
Ha
an
nd
ds
se
ett o
off p
ph
ho
on
ne
e
D
DB
B--9
9
c
co
on
nn
ne
ec
ctto
orr
4
4p
p4
4c
c
p
pllu
ug
g
S
Su
ub
b--D
D 1
15
5 p
piin
n
c
co
on
nn
ne
ec
ctto
orr
M
Ma
ae
es
sttrro
o 1
10
00
0 //
M
Ma
ae
es
sttrro
o 2
20
0
A
AC
C--D
DC
C A
Ad
da
ap
ptto
orr
o
orr b
ba
atttte
erry
y
((n
no
ott iin
nc
cllu
ud
de
ed
d))
S
So
olld
de
err w
wiirre
e
e
en
nd
diin
ng
gs
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com