Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSM100LITE Datasheet(PDF) 15 Page - rfsolutions.ltd

Part # GSM100LITE
Description  GSM & GPRS MODEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

GSM100LITE Datasheet(HTML) 15 Page - rfsolutions.ltd

Back Button GSM100LITE Datasheet HTML 11Page - rfsolutions.ltd GSM100LITE Datasheet HTML 12Page - rfsolutions.ltd GSM100LITE Datasheet HTML 13Page - rfsolutions.ltd GSM100LITE Datasheet HTML 14Page - rfsolutions.ltd GSM100LITE Datasheet HTML 15Page - rfsolutions.ltd GSM100LITE Datasheet HTML 16Page - rfsolutions.ltd GSM100LITE Datasheet HTML 17Page - rfsolutions.ltd GSM100LITE Datasheet HTML 18Page - rfsolutions.ltd GSM100LITE Datasheet HTML 19Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
DS020-7 Oct ‘06
©2006 REG No 277 4001, ENGLAND.
Page 15
GSM100 USERS MANUAL
CHAPTER 5
APPENDIX
5.1 Factory settings
The modem has the following factory settings. Please refer to the AT command document for the meaning of each
setting.
Related AT commands
Factory Settings
Description
AT+IPR
9600
DTE-DCE data rate
AT+IFC
2,2
DTE-DCE flow control
AT+ICF
3,4
DTE-DCE character framing
ATE
1
ECHO
AT&C
1
DCD signal
AT&D
1
DTR signal
ATQ
0
Result code suppression
ATV
1
Response format
AT&S
1
DSR signal
ATS0
0
Auto answer
AT+CLIP
0
Calling line ID presentation
AT+CRLP
Calling line ID restriction
AT+CSCS
“PCCP437”
AT+CMGF
1
Message format
AT+CSMP
1,67,0,0
Text mode parameters
AT+CNMI
0,0,0,0
New message indication
5.2 Input / Output port
This port can be configured as either an input one or an output one.
To configure it as an input port, first issue AT+WIOW=2, 0 to disable the output port. Use AT+WIOR=3(Fargo
Maestro 100) or AT+WIOR=1(Fargo Maestro 20)
to read the status of this input port. Response +WIOR: 0
represent Logic HIGH (>3V); Response +WIOR: 1 represent Logic LOW (<0.5V) To use it as an output port, issue
AT+WIOW=2,1 will turn it on and it will drain current to ground. The current is recommended not to exceed 10 mA.
Issue AT+WIOW=2,0 will turn it off.
5.3 RS232 AUTO-ONLINE mode (power saving)
When being in the AUTO-ONLINE, the RS232 transceiver will shutdown most of its hardware to save power if it
does not detect a valid input for more than 100uS. The RS232 transceiver will wake up when valid input is detected
again.
By default, the RS232 transceiver is put in AUTO-ONLINE. This mode can be turned off by issuing AT+WIOW=4,1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com