Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSM100LITE Datasheet(PDF) 8 Page - rfsolutions.ltd

Part # GSM100LITE
Description  GSM & GPRS MODEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

GSM100LITE Datasheet(HTML) 8 Page - rfsolutions.ltd

Back Button GSM100LITE Datasheet HTML 4Page - rfsolutions.ltd GSM100LITE Datasheet HTML 5Page - rfsolutions.ltd GSM100LITE Datasheet HTML 6Page - rfsolutions.ltd GSM100LITE Datasheet HTML 7Page - rfsolutions.ltd GSM100LITE Datasheet HTML 8Page - rfsolutions.ltd GSM100LITE Datasheet HTML 9Page - rfsolutions.ltd GSM100LITE Datasheet HTML 10Page - rfsolutions.ltd GSM100LITE Datasheet HTML 11Page - rfsolutions.ltd GSM100LITE Datasheet HTML 12Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
DS020-7 Oct ‘06
©2006 REG No 277 4001, ENGLAND.
Page 8
GSM100 USERS MANUAL
4
4p
p4
4c
c p
pllu
ug
g
Pin Assignment
Sub-D 15
(male)
Sub-D 9
(female)
Plug
4P4C
1
1
2
3
3
4
1
5
4
6
2
7
6
8
4
9
5
10
2
11
8
12
7
13
9
14
15
3
S
Su
ub
b--D
D 9
9 p
piin
n
‘Y’ cable
-
Direct connection with standard 9-
pin RS-232 port (DTE)
-
Direct connection with common
handset of telephone for voice call
-
Shielded cable
-
Cable length 1.1m (w/ connector)
DIN rail mount
-
Quick attachment / detachment to
standard DIN rail
-
Tin plated Steel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com