Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NeChip Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # NeChip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NeChip Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button NeChip Datasheet HTML 6Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 7Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 8Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 9Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 10Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 11Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 12Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 13Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
Sheet2-4.Description of status leds
LINK LED (Left)
ACT LED (Right)
Status
Description
Status
Description
ON
Link is normal
Flash
Transceive Ethernet packets
OFF(Flash) Cable dropped / Link
disconnected
OFF
No data flow
6. Capsulation
NePort Shell as below:
Chart2-5. Bottom View
Chart2-6. Side View
7. PCB Layout
For high reliability application with NePort embedded in user products,the follow
items are strongly recommended:
1. Should place decoupling capacitor(0.1uF) beside neport
2. Place 10uF capacitor between power and ground beside neport
Fixed
Shield
Pin
mm
Dim Min
Typ
Max
A
10.78 10.80 10.96
B
11.43
C
6.35
D
2.54
E
2.54
F
1.27
G
37.92 38.20 38.50
H
3.10
3.15
3.20
I
2.80
2.85
2.90
mm
Dim Min
Typ
Max
A
0.20
0.25
0.30
B
10.78 10.80 10.96
C
-
17.15
-
D
2.85
3.05
3.25
E
-
2.54
-
F
-
1.80
-
7- 5- 3 -1
2
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com