Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NeChip Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # NeChip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NeChip Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button NeChip Datasheet HTML 5Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 6Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 7Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 8Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 9Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 10Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 11Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 12Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
Mark::
1. Place a 10uF capacitor between power and ground, and had better be close to NePort
2. Should not connect upload resistance on Reset pin( Pin 3 )
3. Recommend to connect upload resistance on RTS and CTS pin when uart work under
rs232 mode
4. Recommend to connect download resistance on RTS and CTS pin when uart work under
rs485/422 mode
5. 8Pin Models are compatible with 10Pin models of NePort Series except CTS、P+、P-
signals。
4. Ethernet Interface
NePort has integrated Ethernet transformer,RJ45 connector and status leds
Chart2-3.
Standard Ethernet signals(Industrial Starndard)
Signal
Type
Pin Num
Function Description
Mark
TX+
Output 1
Transmit signal: Positive
TX-
Output 2
Transmit signal: cathode
RX+
Input
3
Receive signal: Positive
RX-
Input
6
Receive signal: cathode
Not used
4
Not used
5
Not used
7
Not used
8
SHIELD
Shield (Connect to Ground)
2KV electromagnetism
Isolation
Mark: Please refer to Sheet2-4 for detailed pin description of RJ45 connector
5. Status Leds
NePort includes the follow status leds
◆
LINK(Green, Left Led)
◆
ACT(Yellow,Right Led)
Chart2-3. NePort Front View (Led)
Right Led
Pin 1
Shield(GND)
Shield(GND)
Pin 8
Left Led



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com