Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NeChip Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # NeChip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NeChip Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button NeChip Datasheet HTML 10Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 11Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 12Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 13Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 14Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 15Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 16Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 17Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 18Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
16
RS232 Interface
There is one onboard RS232 chip from SIPEX, it is used to convert 3.3V COMS signals
to RS232 signal, normally, RS232 interface provide one DB9 connector to communicate with
external DTE, for instance, connect to PC serial port.
Chart 2-11. DB9 Pin Information
Sheet 2-6. Signal Description of RS232 Interface
Mark:1. Pin not listed in the above sheet is not used by evaluation board
2. Recommend to make the shield of DB9 connect to ground
Power
On board DC JACK with internal size : 2.0mm,,power circuit support pole protection,
input voltage arrange:7.5V~12V。adjustable power chips are LM2596 DC-DC and
LM1117-3.3V LDO from SIPEX。
Selectable Channel Switch
The Evaluation board provide 8bits DIP16/8 switch to select neport1 or neport2 to
communicate with external rs232 interface. Push switch to ON will enable the corresponding
signal.
Attention:
1. User just can enable one group of this 8bits switch,(group 1:one:1-4 , Group 2:5-8), or
Evaluation board can’t communicate with external rs232 devices
2. When all of 8bits switch are disconnected or one group are disconnect but no neport
on the other group, such setting may cause no signal output to rs232
8Pin/2.0 pitch header
The Evaluation board provides 8pins pitch header for OEM/ODM customized
development, and this pitch header can make neport signals connect to user’s MCU/DSP
efficiently to debug or testing according to the real application
Attention:
Should disconnect the extern rs232 interface to avoid effect testing result
Buttons
The Evaluation Board integrates three buttons used as reset / defaulting setting
NePort Signal
Terminal Device(DTE)
DB9 Pin #
Signal Name
DB9 Pin #
Signal Name
2
RXD
2
TXD
3
TXD
3
RXD
5
GND
5
GND
7
RTS
7
CTS
8
CTS
8
RTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com