Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NeChip Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # NeChip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NeChip Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  NeChip Datasheet HTML 1Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 2Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 3Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 4Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 5Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 6Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 7Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 8Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
ETH、ARP、IP、UDP、TCP、ICMP、PING、BOOTP、AutoIP、DHCP、SNTP、
POP3、SMTP、TFTP、DNS、TELNET、HTTP、PPP/PPPoE
SSH、SSL/TLS、HTTPS(EN Optional)
◆
 Embedded Web Server, support update customized webs
◆
 Email Alarm according to the triggers(EN Optional)
◆
 Data Encryption:
128-,192-,256bit AES / Tri-DES (Optional)
◆
 Multiplex communication modes: TCP Server/client, UDP Uni-cast/Multi-cast modes
◆
Provide two programmable I/O
◆
Support Windows 95/98/ME/NT/2000/XP/2003/XP x64/2003 x64 COM driver、Linux
real、TTY、UNIX
◆
Operation Voltage: 3.14~3.6 VDC
◆
Low Power Consumption: 110 – 155mA @ 3.3V
◆
Support POE
◆
1.5KV electromagnetism isolation
◆
All pins support anti-static protection
◆
 Operation Temperature
0°C to +70°C (32°F to 158°F),5% to 95% RH (Commercial Model)
-40°C to +80°C (-40°F to 176°F),5% to 95% RH (Industrial Model)
◆
 Storage Temperature
-
40°C to +80°C (-40°F to 176°F),5% to 95% RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com