Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NeChip Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # NeChip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NeChip Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button NeChip Datasheet HTML 4Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 5Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 6Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 7Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 8Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 9Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 10Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 11Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
10Pin Model of Neport Series
Chart2-2. Valid for NePort 、NePort-EN Series
PinNum Pin Name
Type
Description
1
IO/CTS
RXD2
Bid
Programmable I/O with multiplex Function:(5V tolerant)
1.RTS(Request to Send): InPut, Hardware Flow Control
2.IO(input/output): Can be configured by web or device
manager ( Only for special models)
3.TCP Connection Status,Invalid when hardware flow
control is enabled
4. System status ,Invalid when hardware flow control is
enabled
5. RS-422 Controller: High Level
6.UART2 TXD
2
GND
Power
Ground
3
VDD
Power
Power Input (+3.3V )
4
RESET
Input
Low level to reset (5V tolerant)
5
TXD1
Output Serial port: Data Output(5V tolerant)
6
RXD1
Input
Serial port: Data Input(5V tolerant)
7
IO/RTS
TXD2
Bid
Programmable I/O with multiplex Function:(5V tolerant)
1.RTS(Request to Send): Output, Hardware Flow Control
2.IO(input/output): Can be configured by web or device
manager ( Only for special models)
3.TCP Connection Status,Invalid when hardware flow
control is enabled
4. System status ,Invalid when hardware flow control is
enabled
5. RS-485/RS422 Controller
(RS422: Low level)
6.UART2 TXD
8
Default
Input
Low level valid,Force to load factory setting(5V
tolerant
)
Keep this pin be low level for more than 5
seconds,NePort will be forced to load the factory
setting and automatically reboot system
9
IO/P+
TXD3
Bid
1. IO(input/output): Can be configured by web or
device manager ( Only for special models)
2. Anode output Of PoE
3. UART3 TXD
10
IO/P+
RXD3
Bid
1. IO(input/output): Can be configured by web or
device manager ( Only for special models)
2. Cathode output of PoE
3. UART3 RXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com