Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NeChip Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # NeChip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NeChip Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button NeChip Datasheet HTML 8Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 9Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 10Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 11Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 12Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 13Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 14Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 15Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
8.Product Mark
Product mark includes the follow information. (Chart2-9)
1. Neport series
2. MAC address
3. Part number
4. Operation condition: temperature and work voltage
Chart2-9. Product mark
9.Performance Guide
Sheet2-4. NePort electrical parameters
Name
Description
Min
Max
Unit
Condition
VDD
Power Volatage
-0.3
3.6
V
IDD
Work Current
140
170
mA
Full loading (-40 ℃ /
+85℃
)
VI
Signal input voltage
0
5.5
V
VO
Signal output voltage
0
VDD
V
VIH
High level input voltage
2
-
V
VIL
Low level input voltage
-
0.8
V
VOH
High level output voltage
VDD-0.4
-
VOL
Low level output voltage
-
0.4
IOH
High level output current
-4
-
VOH= VDD-0.4V
IOL
Low level output current
4
-
VOL= 0.4V
00-F0-0A-02-BE-01
MAC Address
Part Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com