Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NeChip Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NeChip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NeChip Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button NeChip Datasheet HTML 3Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 4Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 5Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 6Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 7Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 8Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 9Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 10Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
NePort Series include –POE,-L,-R,-EN versions, this doc just descript the standard version of
neport.
NePort series with 8 pins
Chart2-1. Valid for NePort-L 、NePort-R and the other versions with 8 pins
Mark:
1. Place a 10uF capacitor between power and ground, and had better be close to NePort.
2. Should not connect upload resistance on Reset pin( Pin 3 ).
3. Recommend to connect upload resistance on RTS and CTS pin when uart work under
rs232 mode
4. Recommend to connect download resistance on RTS and CTS pin when uart work under
rs485/422 mode
PinNum Pin Name
Type
Description
1
GND
Power
Ground
2
VDD
Power
Power Input (+3.3V )
3
RESET
Input
Low level to reset (5V tolerant)
4
TXD
Output Serial port: Data Output(5V tolerant)
5
RXD
Input
Serial port: Data Input(5V tolerant)
6
IO/RTS
I/O
Programmable I/O with multiplex Function:(5V tolerant)
1.RTS(Request to Send): Output, Hardware Flow Control
2.IO(input/output): Can be configured by web or device
manager ( Only for special models)
3.TCP Connection Status,Invalid when hardware flow
control is enabled
4. System status ,Invalid when hardware flow control is
enabled
5. RS-485/RS422 Controller
(RS422: Low level)
7
Default
Input
Low level valid,Force to load factory setting(5V
tolerant
)
Keep this pin be low level for more than 5
seconds,NePort will be forced to load the factory
setting and automatically reboot system
8
IO/CTS
I/O
Programmable I/O with multiplex Function:(5V tolerant)
1.RTS(Request to Send): InPut, Hardware Flow Control
2.IO(input/output): Can be configured by web or device
manager ( Only for special models)
3.TCP Connection Status,Invalid when hardware flow
control is enabled
4. System status ,Invalid when hardware flow control is
enabled
5. RS-422 Controller: High Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com