Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC3236TK Datasheet(PDF) 2 Page - NEC

Part # UPC3236TK
Description  5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3236TK Datasheet(HTML) 2 Page - NEC

  UPC3236TK Datasheet HTML 1Page - NEC UPC3236TK Datasheet HTML 2Page - NEC UPC3236TK Datasheet HTML 3Page - NEC UPC3236TK Datasheet HTML 4Page - NEC UPC3236TK Datasheet HTML 5Page - NEC UPC3236TK Datasheet HTML 6Page - NEC UPC3236TK Datasheet HTML 7Page - NEC UPC3236TK Datasheet HTML 8Page - NEC UPC3236TK Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
PIN CONNECTIONS AND INTERNAL BLOCK DIAGRAM
Pin No.
Pin Name
1
VCC
2
GND
3
OUTPUT
4
GND
5
GND
(Top View)
1
2
34
5
6
(Bottom View)
6
5
43
2
1
(Top View)
1
2
34
5
6
6
INPUT
PRODUCT LINE-UP OF 5 V-BIAS SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
(TA = +25°C, f = 1 GHz, VCC = Vout = 5.0 V, ZS = ZL = 50
Ω)
Part No.
ICC
(mA)
GP
(dB)
NF
(dB)
PO (1dB)
(dBm)
PO (sat)
(dBm)
Package
Marking
μPC2708TB
26
15.0
6.5
−
+10.0
6-pin super minimold
C1D
μPC2709TB
25
23.0
5.0
−
+11.5
C1E
μPC2710TB
22
33.0
3.5
−
+13.5
C1F
μPC2776TB
25
23.0
6.0
−
+8.5
C2L
μPC3223TB
19
23.0
4.5
+6.5
+12.0
C3J
μPC3225TB
24.5
32.5
Note
3.7
Note
+9
Note
+15.5
Note
C3M
μPC3226TB
15.5
25.0
5.3
+7.5
+13.0
C3N
μPC3232TB
26
32.8
4.0
+11
+15.5
C3S
μPC3236TK
24
38
2.6
+11
+15.5
6-pin lead-less minimold (1511 PKG)
6U
Note
μPC3225TB is f = 0.95 GHz
Remark Typical performance. Please refer to ELECTRICAL CHARACTERISTICS in detail.
Data Sheet PU10734EJ01V0DS
2
μPC3236TK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com