Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC3236TK Datasheet(PDF) 4 Page - NEC

Part # UPC3236TK
Description  5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3236TK Datasheet(HTML) 4 Page - NEC

  UPC3236TK Datasheet HTML 1Page - NEC UPC3236TK Datasheet HTML 2Page - NEC UPC3236TK Datasheet HTML 3Page - NEC UPC3236TK Datasheet HTML 4Page - NEC UPC3236TK Datasheet HTML 5Page - NEC UPC3236TK Datasheet HTML 6Page - NEC UPC3236TK Datasheet HTML 7Page - NEC UPC3236TK Datasheet HTML 8Page - NEC UPC3236TK Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ELECTRICAL CHARACTERISTICS (TA = +25°C, VCC = Vout = 5.0 V, ZS = ZL = 50
Ω)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Circuit Current
ICC
No input signal
19
24
31
mA
Power Gain 1
GP1
f = 0.25 GHz, Pin =
−40 dBm
34
37
39
dB
Power Gain 2
GP2
f = 1.0 GHz, Pin =
−40 dBm
35.5
38
40.5
Power Gain 3
GP3
f = 1.8 GHz, Pin =
−40 dBm
36
39
42
Power Gain 4
GP4
f = 2.2 GHz, Pin =
−40 dBm
35
38
41
Saturated Output Power 1
PO (sat) 1
f = 1.0 GHz, Pin = 0 dBm
+13.5
+15.5
−
dBm
Saturated Output Power 2
PO (sat) 2
f = 2.2 GHz, Pin =
−5 dBm
+8.5
+10.5
−
Gain 1 dB Compression Output Power 1
PO (1 dB) 1
f = 1.0 GHz
+8
+11
−
dBm
Gain 1 dB Compression Output Power 2
PO (1 dB) 2
f = 2.2 GHz
+5
+7.5
−
Noise Figure 1
NF1
f = 1.0 GHz
−
2.6
3.5
dB
Noise Figure 2
NF2
f = 2.2 GHz
−
2.6
3.5
Isolation 1
ISL1
f = 1.0 GHz, Pin =
−40 dBm
43
50
−
dB
Isolation 2
ISL2
f = 2.2 GHz, Pin =
−40 dBm
43
50
−
Input Return Loss 1
RLin1
f = 1.0 GHz, Pin =
−40 dBm
6
9
−
dB
Input Return Loss 2
RLin2
f = 2.2 GHz, Pin =
−40 dBm
6.5
9.5
−
Output Return Loss 1
RLout1
f = 1.0 GHz, Pin =
−40 dBm
8
11
−
dB
Output Return Loss 2
RLout2
f = 2.2 GHz, Pin =
−40 dBm
7
10
−
STANDARD CHARACTERISTICS FOR REFERENCE
(TA = +25°C, VCC = Vout = 5.0 V, ZS = ZL = 50
Ω, unless otherwise specified)
Parameter
Symbol
Test Conditions
Reference Value
Unit
Power Gain 5
GP5
f = 2.6 GHz, Pin =
−40 dBm
36
dB
Power Gain 6
GP6
f = 3.0 GHz, Pin =
−40 dBm
32.5
Gain Flatness
ΔGP
f = 1.0 to 2.2 GHz, Pin =
−40 dBm
1.0
dB
K factor 1
K1
f = 1.0 GHz, Pin =
−40 dBm
1.6
−
K factor 2
K2
f = 2.2 GHz, Pin =
−40 dBm
1.6
−
Output 3rd Order Intercept Point 1
OIP31
f1 = 1 000 MHz, f2 = 1 001 MHz
23
dBm
Output 3rd Order Intercept Point 2
OIP32
f1 = 2 200 MHz, f2 = 2 201 MHz
16.5
2nd Order Intermodulation Distortion
IM2
f1 = 1 000 MHz, f2 = 1 001 MHz,
Pout =
−5 dBm/tone
45
dBc
2nd Harmonic
2f0
f0 = 1.0 GHz, Pout =
−15 dBm
58
dBc
Data Sheet PU10734EJ01V0DS
4
μPC3236TK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com