Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC3236TK Datasheet(PDF) 16 Page - NEC

Part # UPC3236TK
Description  5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3236TK Datasheet(HTML) 16 Page - NEC

Back Button UPC3236TK Datasheet HTML 12Page - NEC UPC3236TK Datasheet HTML 13Page - NEC UPC3236TK Datasheet HTML 14Page - NEC UPC3236TK Datasheet HTML 15Page - NEC UPC3236TK Datasheet HTML 16Page - NEC UPC3236TK Datasheet HTML 17Page - NEC UPC3236TK Datasheet HTML 18Page - NEC UPC3236TK Datasheet HTML 19Page - NEC UPC3236TK Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Pout
2f0
VCC = 4.5 V
f = 1 000 MHz
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–60
–50
–40
–30
–20
–10
0
OUTPUT POWER, 2f0 vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER, 2f0 vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER, 2f0 vs. INPUT POWER
Input Power Pin (dBm)
Pout
2f0
VCC = 5.5 V
f = 1 000 MHz
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–60
–50
–40
–30
–20
–10
0
OUTPUT POWER, 2f0 vs. INPUT POWER
Input Power Pin (dBm)
Pout
2f0
VCC = 4.5 V
TA = –40
°C
f = 1 000 MHz
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–60
–50
–40
–30
–20
–10
0
OUTPUT POWER, 2f0 vs. INPUT POWER
Input Power Pin (dBm)
Pout
2f0
VCC = 5.5 V
TA = –40
°C
f = 1 000 MHz
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–60
–50
–40
–30
–20
–10
0
OUTPUT POWER, 2f0 vs. INPUT POWER
Input Power Pin (dBm)
Pout
2f0
VCC = 5.0 V
TA = –40
°C
f = 1 000 MHz
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–60
–50
–40
–30
–20
–10
0
Pout
2f0
VCC = 5.0 V
f = 1 000 MHz
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–60
–50
–40
–30
–20
–10
0
Remark The graphs indicate nominal characteristics.
Data Sheet PU10734EJ01V0DS
16
μPC3236TK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com