Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC3236TK Datasheet(PDF) 1 Page - NEC

Part # UPC3236TK
Description  5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3236TK Datasheet(HTML) 1 Page - NEC

  UPC3236TK Datasheet HTML 1Page - NEC UPC3236TK Datasheet HTML 2Page - NEC UPC3236TK Datasheet HTML 3Page - NEC UPC3236TK Datasheet HTML 4Page - NEC UPC3236TK Datasheet HTML 5Page - NEC UPC3236TK Datasheet HTML 6Page - NEC UPC3236TK Datasheet HTML 7Page - NEC UPC3236TK Datasheet HTML 8Page - NEC UPC3236TK Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2008
DESCRIPTION
The
μPC3236TK is a silicon germanium carbon (SiGe:C) monolithic integrated circuit designed as IF amplifier for
DBS LNB.
This device exhibits low noise figure and high power gain characteristics.
This IC is manufactured using our UHS4 (Ultra High Speed Process) SiGe:C bipolar process.
FEATURES
•
Low current
: ICC = 24.0 mA TYP.
•
Medium output power
: PO (sat) = +15.5 dBm TYP. @ f = 1.0 GHz
: PO (sat) = +10.5 dBm TYP. @ f = 2.2 GHz
•
High linearity
: PO (1dB) = +11 dBm TYP. @ f = 1.0 GHz
: PO (1dB) = +7.5 dBm TYP. @ f = 2.2 GHz
•
Power gain
: GP = 38 dB TYP. @ f = 1.0 GHz
: GP = 38 dB TYP. @ f = 2.2 GHz
•
Gain flatness
:
ΔGP = 1.0 dB TYP. @ f = 1.0 to 2.2 GHz
•
Noise Figure
: NF = 2.6 dB TYP. @ f = 1.0 GHz
: NF = 2.6 dB TYP. @ f = 2.2 GHz
•
Supply voltage
: VCC = 4.5 to 5.5 V
•
Port impedance
: input/output 50
Ω
APPLICATIONS
•
IF amplifiers in DBS LNB, other L-band amplifiers, etc.
ORDERING INFORMATION
Part Number
Order Number
Package
Marking
Supplying Form
μPC3236TK-E2
μPC3236TK-E2-A 6-pin lead-less minimold
(1511 PKG) (Pb-Free)
6U
• Embossed tape 8 mm wide
• Pin 1, 6 face the perforation side of the tape
• Qty 5 kpcs/reel
Remark
To order evaluation samples, please contact your nearby sales office
Part number for sample order:
μPC3236TK
DATA SHEET
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
5 V, SILICON GERMANIUM MMIC
MEDIUM OUTPUT POWER AMPLIFIER
Document No. PU10734EJ01V0DS (1st edition)
Date Published December 2008 NS
Printed in Japan
BIPOLAR ANALOG INTEGRATED CIRCUIT
μPC3236TK


Similar Part No. - UPC3236TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC3236TK RENESAS-UPC3236TK Datasheet
468Kb / 24P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2008
UPC3236TK-E2 RENESAS-UPC3236TK-E2 Datasheet
468Kb / 24P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2008
UPC3236TK-E2-A RENESAS-UPC3236TK-E2-A Datasheet
468Kb / 24P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2008
More results

Similar Description - UPC3236TK

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC3223TB CEL-UPC3223TB Datasheet
320Kb / 14P
5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3232TB CEL-UPC3232TB Datasheet
455Kb / 14P
5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
NEC
UPC2709TB NEC-UPC2709TB_1 Datasheet
93Kb / 16P
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB NEC-UPC2776TB_1 Datasheet
103Kb / 16P
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3223TB NEC-UPC3223TB Datasheet
94Kb / 15P
5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3225TB NEC-UPC3225TB Datasheet
163Kb / 17P
5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3227TB NEC-UPC3227TB Datasheet
115Kb / 14P
5 V, SILICON GERMANIUM MMIC WIDEBAND AMPLIFIER
UPC3226TB NEC-UPC3226TB Datasheet
111Kb / 14P
5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3232TB NEC-UPC3232TB Datasheet
161Kb / 15P
5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
Renesas Technology Corp
PC3223TB RENESAS-PC3223TB_15 Datasheet
225Kb / 17P
5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com