Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC3236TK Datasheet(PDF) 8 Page - NEC

Part # UPC3236TK
Description  5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3236TK Datasheet(HTML) 8 Page - NEC

Back Button UPC3236TK Datasheet HTML 4Page - NEC UPC3236TK Datasheet HTML 5Page - NEC UPC3236TK Datasheet HTML 6Page - NEC UPC3236TK Datasheet HTML 7Page - NEC UPC3236TK Datasheet HTML 8Page - NEC UPC3236TK Datasheet HTML 9Page - NEC UPC3236TK Datasheet HTML 10Page - NEC UPC3236TK Datasheet HTML 11Page - NEC UPC3236TK Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
POWER GAIN vs. FREQUENCY
Frequency f (GHz)
0.0
1.0
2.0
5.0
45.0
43.0
41.0
39.0
37.0
35.0
33.0
31.0
29.0
27.0
25.0
4.0
3.0
ISOLATION vs. FREQUENCY
Frequency f (GHz)
INPUT RETURN LOSS vs. FREQUENCY
Frequency f (GHz)
OUTPUT RETURN LOSS vs. FREQUENCY
Frequency f (GHz)
Pin = –40 dBm
0.0
1.0
2.0
5.0
0.0
–2.0
–4.0
–6.0
–8.0
–10.0
–12.0
–14.0
–16.0
–18.0
–20.0
4.0
3.0
TA = +85
°C
–40
°C
+25
°C
Pin = –40 dBm
0.0
1.0
2.0
5.0
0.0
–2.0
–4.0
–6.0
–8.0
–10.0
–12.0
–14.0
–16.0
–18.0
–20.0
4.0
3.0
Pin = –40 dBm
0.0
1.0
2.0
5.0
0.0
–10.0
–20.0
–30.0
–40.0
–50.0
–60.0
–70.0
–80.0
20
15
10
5
0
–5
–10
–15
–20
4.0
3.0
TA = –40, +25, +85
°C
Pin = –40 dBm
TA = +85
°C
+25
°C
–40
°C
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
–50
–40
–30
–20
–10
0
f = 1.0 GHz
20
15
10
5
0
–5
–10
–15
–20
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
–50
–40
–30
–20
–10
0
f = 2.2 GHz
TA = –40, +25, +85
°C
VCC = 5.5 V
5.0 V
4.5 V
VCC = 5.5 V
5.0 V
4.5 V
Remark The graphs indicate nominal characteristics.
Data Sheet PU10734EJ01V0DS
8
μPC3236TK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com