Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC3236TK Datasheet(PDF) 14 Page - NEC

Part # UPC3236TK
Description  5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3236TK Datasheet(HTML) 14 Page - NEC

Back Button UPC3236TK Datasheet HTML 10Page - NEC UPC3236TK Datasheet HTML 11Page - NEC UPC3236TK Datasheet HTML 12Page - NEC UPC3236TK Datasheet HTML 13Page - NEC UPC3236TK Datasheet HTML 14Page - NEC UPC3236TK Datasheet HTML 15Page - NEC UPC3236TK Datasheet HTML 16Page - NEC UPC3236TK Datasheet HTML 17Page - NEC UPC3236TK Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Pout
IM2
VCC = 4.5 V
TA = –40
°C
f1 = 1 000 MHz
f2 = 1 001 MHz
20
10
0
–10
–20
–30
–40
–50
–60
–70
–50
–40
–30
–20
–10
–50
–40
–30
–20
–10
OUTPUT POWER, IM2 vs. INPUT POWER
Input Power Pin (1 tone) (dBm)
VCC = 4.5 V
TA = –40
°C
f1 = 1 000 MHz
f2 = 1 001 MHz
60
50
40
30
20
10
0
IM2 vs. INPUT POWER
Input Power Pin (1 tone) (dBm)
VCC = 5.0 V
TA = –40
°C
f1 = 1 000 MHz
f2 = 1 001 MHz
OUTPUT POWER, IM2 vs. INPUT POWER
Input Power Pin (1 tone) (dBm)
VCC = 5.0 V
TA = –40
°C
f1 = 1 000 MHz
f2 = 1 001 MHz
IM2 vs. INPUT POWER
Input Power Pin (1 tone) (dBm)
VCC = 5.5 V
TA = –40
°C
f1 = 1 000 MHz
f2 = 1 001 MHz
OUTPUT POWER, IM2 vs. INPUT POWER
Input Power Pin (1 tone) (dBm)
VCC = 5.5 V
TA = –40
°C
f1 = 1 000 MHz
f2 = 1 001 MHz
IM2 vs. INPUT POWER
Input Power Pin (1 tone) (dBm)
Pout
IM2
20
10
0
–10
–20
–30
–40
–50
–60
–70
–50
–40
–30
–20
–10
Pout
IM2
20
10
0
–10
–20
–30
–40
–50
–60
–70
–50
–40
–30
–20
–10
–50
–40
–30
–20
–10
60
50
40
30
20
10
0
–50
–40
–30
–20
–10
60
50
40
30
20
10
0
Remark The graphs indicate nominal characteristics.
Data Sheet PU10734EJ01V0DS
14
μPC3236TK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com