Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC3236TK Datasheet(PDF) 5 Page - NEC

Part # UPC3236TK
Description  5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3236TK Datasheet(HTML) 5 Page - NEC

  UPC3236TK Datasheet HTML 1Page - NEC UPC3236TK Datasheet HTML 2Page - NEC UPC3236TK Datasheet HTML 3Page - NEC UPC3236TK Datasheet HTML 4Page - NEC UPC3236TK Datasheet HTML 5Page - NEC UPC3236TK Datasheet HTML 6Page - NEC UPC3236TK Datasheet HTML 7Page - NEC UPC3236TK Datasheet HTML 8Page - NEC UPC3236TK Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TEST CIRCUIT
VCC
C1
100 pF
IN
1
3
6
2, 4, 5
OUT
GND
R1
560
Ω
L1
56 nH
L2
2.2 nH
Microstrip Line
(W = 1.05 mm, L = 2.5 mm)
Microstrip Line
(W = 0.2 mm, L = 2.9 mm)
C3
1 000 pF
C4
1 000 pF
C5
1 000 pF
C2
100 pF
The application circuits and their parameters are for reference only and are not intended for use in actual design-ins.
COMPONENTS OF TEST CIRCUIT FOR MEASURING
ELECTRICAL CHARACTERISTICS
Type
Value
R1
Chip Resistance
560
Ω
L1
Chip Inductor
56 nH
L2
Chip Inductor
2.2 nH
C1, C2
Chip Capacitor
100 pF
C3, C4
Chip Capacitor
1 000 pF
C5
Feed-through Capacitor
1 000 pF
INDUCTOR FOR THE OUTPUT PIN
The internal output transistor of this IC, to output medium power. To supply current for output transistor, connect
an inductor between the VCC pin (pin 1) and output pin (pin 3). Select inductance, as the value listed above.
The inductor has both DC and AC effects. In terms of DC, the inductor biases the output transistor with minimum
voltage drop to output enable high level. In terms of AC, the inductor makes output-port impedance higher to get
enough gain. In this case, large inductance and Q is suitable (Refer to the following page).
CAPACITORS FOR THE VCC, INPUT AND OUTPUT PINS
Capacitors of 1 000 pF are recommendable as the bypass capacitor for the VCC pin and the coupling capacitors for
the input and output pins.
The bypass capacitor connected to the VCC pin is used to minimize ground impedance of VCC pin. So, stable bias
can be supplied against VCC fluctuation.
The coupling capacitors, connected to the input and output pins, are used to cut the DC and minimize RF serial
impedance. Their capacitances are therefore selected as lower impedance against a 50
Ω load. The capacitors thus
perform as high pass filters, suppressing low frequencies to DC.
To obtain a flat gain from 100 MHz upwards, 1 000 pF capacitors are used in the test circuit. In the case of under
10 MHz operation, increase the value of coupling capacitor such as 10 000 pF. Because the coupling capacitors are
determined by equation, C = 1/(2
πRfc).
Data Sheet PU10734EJ01V0DS
5
μPC3236TK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com