Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2001 Datasheet(PDF) 8 Page - Vicor Corporation

Part # PI2001
Description  Universal Active ORing Controller IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2001 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button PI2001 Datasheet HTML 4Page - Vicor Corporation PI2001 Datasheet HTML 5Page - Vicor Corporation PI2001 Datasheet HTML 6Page - Vicor Corporation PI2001 Datasheet HTML 7Page - Vicor Corporation PI2001 Datasheet HTML 8Page - Vicor Corporation PI2001 Datasheet HTML 9Page - Vicor Corporation PI2001 Datasheet HTML 10Page - Vicor Corporation PI2001 Datasheet HTML 11Page - Vicor Corporation PI2001 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
be {VG-SP = VC - VSP – 0.5V}. Note that VC is the
controller internal regulated voltage.
When a reverse current fault is initiated, the gate
driver pulls the GATE pin low and discharges the
FET gate with 4Apeak capability.
When the input source voltage is applied and before
the MOSFET is fully enhanced, a voltage greater
than the Forward Over Current (FOC) Threshold will
be present across the MOSFET. To avoid an
erroneous FOC detection, a VGS detector blanks
the FOC and FWD comparators from initiating a
fault, until the GATE pin reaches 77% of VG-CLMP. If
VC is too low to establish the Gate Clamp condition
the reference for detection is 77% of {VC-V(SP) -
0.25V}.
Fault:
The fault circuit output is an open collector with 40μs
delay to prevent any false triggering. The FT pin
will be pulled low when any of the following faults
occur:
•
Reverse current
•
Forward Over-Current
•
Forward Low Current
•
Over-Temperature
•
Input Under-Voltage
•
Input Over-Voltage
•
VC pin Under-Voltage
The only fault condition that initiates gate turn-off of
the MOSFET (as well as a fault flag signal) is when
the reverse current fault conditions are met. All other
fault conditions issue only a fault flag signal via the
FT pin, but do not affect the gate of the MOSFET.
The FT pin serves as an indicator that a fault
condition may be present. This information can be
reported to a Host to signal that some system level
maintenance may be required.
Picor Corporation • picorpower.com
PI2001
Rev 1.0
Page 8 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com