Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2001 Datasheet(PDF) 1 Page - Vicor Corporation

Part # PI2001
Description  Universal Active ORing Controller IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2001 Datasheet(HTML) 1 Page - Vicor Corporation

  PI2001 Datasheet HTML 1Page - Vicor Corporation PI2001 Datasheet HTML 2Page - Vicor Corporation PI2001 Datasheet HTML 3Page - Vicor Corporation PI2001 Datasheet HTML 4Page - Vicor Corporation PI2001 Datasheet HTML 5Page - Vicor Corporation PI2001 Datasheet HTML 6Page - Vicor Corporation PI2001 Datasheet HTML 7Page - Vicor Corporation PI2001 Datasheet HTML 8Page - Vicor Corporation PI2001 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
PI2001
Cool-ORing
TM Series
Universal Active ORing Controller IC
Description
The PI2001 Cool-ORing
TM
solution is a universal
high-speed Active ORing controller IC designed for
use with N-channel MOSFETs in redundant power
system architectures. The PI2001 Cool-ORing
controller enables an extremely low power loss
solution with fast dynamic response to fault
conditions, critical for high availability systems. The
PI2001 controls single or parallel MOSFETs to
address
Active
ORing
applications
protecting
against power source failures. The PI2001 can be
used in either high-side or low-side Active ORing
applications and a master/slave feature allows the
paralleling of IC/MOSFET chipsets for high current
Active ORing.
The gate drive output turns the MOSFET on in
normal steady state operation, while achieving high-
speed turn-off during input power source fault
conditions, that cause reverse current flow, with
auto-reset once the fault clears.
The MOSFET
drain-to-source voltage is monitored to detect
normal forward, excessive forward, light load and
reverse current flow. The PI2001 provides an active
low fault flag output to the system during excessive
forward current, reverse current, light load, over-
voltage, under-voltage and over-temperature fault
conditions. There is an internal shunt regulator at
the VC input for high voltage applications and the
under-voltage and over-voltage thresholds are
programmable via external resistor dividers.
Features
•
Fast Dynamic Response to Power Source
failures, with 160ns reverse current turn-off
delay time
•
4A gate discharge current
•
Accurate MOSFET drain-to-source voltage
sensing to indicate system level fault conditions
•
Programmable under & over-voltage detection
•
Over temperature fault detection
•
Adjustable reverse current blanking timer
•
100V for 100ms operation in low side
applications
•
Master/Slave I/O for paralleling (TDFN only)
•
Active low fault flag output
Applications
•
N+1 Redundant Power Systems
•
Servers & High End Computing
•
Telecom Systems
•
Low & High-side Active ORing
•
High current Active ORing
Package Information
The PI2001 is offered in the following packages:
•
10 Lead 3mm x 3mm TDFN package
•
8 Lead SOIC package
Typical Applications:
Figure 1a: PI2001
High Side Active ORing
Figure 1b: PI2001
Low Side Active ORing
Picor Corporation • picorpower.com
PI2001
Rev 1.0
Page 1 of 23


Similar Part No. - PI2001

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI2001-EVAL1 VICOR-PI2001-EVAL1 Datasheet
659Kb / 11P
PI2001-EVAL1 Active ORing
More results

Similar Description - PI2001

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR5001 IRF-IR5001 Datasheet
226Kb / 13P
UNIVERSAL ACTIVE ORING CONTROLLER
logo
Vicor Corporation
PI2002 VICOR-PI2002 Datasheet
1Mb / 23P
Active ORing Controller IC with Load Disconnect Feature
PI2003 VICOR-PI2003 Datasheet
605Kb / 16P
Universal Active ORing Controller IC
logo
Sensitron
SPOR30D28 SENSITRON-SPOR30D28 Datasheet
182Kb / 7P
ACTIVE ORING CONTROLLER MODULE
logo
International Rectifier
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
UNIVERSAL ACTIVE ORING CONTROLLER
IR5001STRPBF IRF-IR5001STRPBF Datasheet
149Kb / 12P
UNIVERSAL ACTIVE ORING CONTROLLER
logo
Vicor Corporation
PI2007 VICOR-PI2007 Datasheet
926Kb / 19P
Universal High Side Active ORing Controller IC
PI2007-00-QEIG VICOR-PI2007-00-QEIG Datasheet
926Kb / 19P
Universal High Side Active ORing Controller IC
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
ACTIVE ORING MOSFET CONTROLLER
Rev erse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com