Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2001 Datasheet(PDF) 2 Page - Vicor Corporation

Part # PI2001
Description  Universal Active ORing Controller IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2001 Datasheet(HTML) 2 Page - Vicor Corporation

  PI2001 Datasheet HTML 1Page - Vicor Corporation PI2001 Datasheet HTML 2Page - Vicor Corporation PI2001 Datasheet HTML 3Page - Vicor Corporation PI2001 Datasheet HTML 4Page - Vicor Corporation PI2001 Datasheet HTML 5Page - Vicor Corporation PI2001 Datasheet HTML 6Page - Vicor Corporation PI2001 Datasheet HTML 7Page - Vicor Corporation PI2001 Datasheet HTML 8Page - Vicor Corporation PI2001 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Pin Description
Pin Number
Pin
Name
10 Lead
TDFN
8 Lead
SOIC
Description
GND
1
1
Ground:
This pin is ground for the gate driver and control circuitry.
GATE
2
2
Gate Drive Output:
This pin drives the gate of the external N-channel MOSFET.
Under normal operating conditions, the GATE pin pulls high to 9.5V (typ) with respect
to the SP pin. The controller turns the gate off during a reverse current fault that
exceeds the reverse voltage threshold.
VC
3
3
Controller Input Supply:
This pin is the supply pin for the control circuitry and gate
driver. Connect a 1μF capacitor between VC pin and the GND pin. Voltage on this pin
is limited to 15.5V by an internal shunt regulator. For high voltage auxiliary supply
applications connect a shunt resistor between VC and the auxiliary supply.
SL
4
n/a
Slave Input-Output:
This pin is used for paralleling multiple PI2001 solutions in high
power applications. When the PI2001 is configured as the Master, this pin functions
as an output capable of driving up to 10 SL pins of slaved PI2001 devices. It serves
as an input when the PI2001 is configured in slave mode.
BK
5
4
Blanking Timer Input-Output:
Connect a resistor from BK to GND to set the blanking
time for the Reverse Comparator function. To configure the controller in slave mode,
connect BK to VC. To configure the controller in master mode with the fastest turn-off
response, connect BK directly to GND.
FT
6
5
Fault State Output:
This open collector pin pulls low when a fault occurs. Fault logic
inputs are VC Under-Voltage, Input Under-Voltage, Input Over-Voltage, Forward Over-
Current, light load, reverse current, and Over-Temperature. Leave this pin open if
unused.
SP
7
6
Positive Sense Input & Clamp:
Connect SP pin to the Source pin of the external N-
channel MOSFET. The polarity of the voltage difference between SP and SN provides
an indication of current flow direction through the MOSFET.
SN
8
7
Negative Sense Input & Clamp:
Connect SN to the Drain pin of the external N-
channel MOSFET. The polarity of the voltage difference between SP and SN provides
an indication of current flow direction through the MOSFET.
UV
9
8
Input Under-Voltage Input:
The UV pin is used to detect an input source under-
voltage condition in ground referenced applications. When the UV pin voltage drops
below the UV threshold, the FT pin pulls low indicating a fault condition. The input
voltage UV threshold is programmable through an external resistor divider. Connect
UV to VC to disable this function.
OV
10
n/a
Input Over-Voltage Input:
The OV pin is used to detect an input source over-voltage
condition in ground referenced applications. When the OV pin voltage crosses the OV
threshold, the FT pin pulls low indicating a fault condition. The input voltage OV
threshold is programmable through an external resistor divider. Connect OV to GND
to disable this function.
Package Pin-Outs
10 Lead TDFN (3mm x 3mm)
Top view
8 Lead SOIC (5mm x 6mm)
Top view
Picor Corporation • picorpower.com
PI2001
Rev 1.0
Page 2 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com