Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2001 Datasheet(PDF) 17 Page - Vicor Corporation

Part # PI2001
Description  Universal Active ORing Controller IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2001 Datasheet(HTML) 17 Page - Vicor Corporation

Back Button PI2001 Datasheet HTML 13Page - Vicor Corporation PI2001 Datasheet HTML 14Page - Vicor Corporation PI2001 Datasheet HTML 15Page - Vicor Corporation PI2001 Datasheet HTML 16Page - Vicor Corporation PI2001 Datasheet HTML 17Page - Vicor Corporation PI2001 Datasheet HTML 18Page - Vicor Corporation PI2001 Datasheet HTML 19Page - Vicor Corporation PI2001 Datasheet HTML 20Page - Vicor Corporation PI2001 Datasheet HTML 21Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Typical application Example 2:
Requirement:
Redundant Bus Voltage = 12V (±10%, 10.8V to
13.2V)
Load Current = 10A (assume through each redundant
path)
Maximum Ambient Temperature = 75°C
Auxiliary Voltage = 24V±10% (21.6V to 26.4V)
referenced to GND
Solution:
1. A single PI2001 with suitable external MOSFET
for each redundant 12V power source should be
used,
configured
in
a
high-side
floating
configuration as shown in the circuit schematic in
Figure 16. The controller is floated on Vin by
connecting the controller ground pin to the input
voltage Vin.
2. Select a suitable N-Channel MOSFET: Select
an N-Channel MOSFET with a voltage rating
higher than the 12V input plus any expected
transient voltages, with a low Rds(on) that is
capable of supporting full load current with
margin. For instance, a 30V rated MOSFET with
20A current capability is suitable. An exemplary
MOSFET
having
these
characteristic
is
FDS8812NZ from Fairchild.
From FDS8812NZ datasheet:
•
N-Channel MOSFET
•
VDS= 30V
•
ID = 20A continuous drain current
•
VGS(MAX)=
± 20V
•
RθJA= 50°C/W
•
RDS(on)=3.2mΩ typical at ID=10A, VGS=8V,
TJ=25°C
Reverse current threshold is:
A
m
mV
on
Rds
reverse
Vth
reverse
Is
87
.
1
2
.
3
6
)
(
.
.
−
=
Ω
−
=
=
Power dissipation:
Rds(on) is 4.2mΩ maximum at 25°C & 8Vgs and will
increase as the temperature increases. Add 25°C to
maximum ambient temperature to compensate for the
temperature rise due to power dissipation. At 100°C
(75°C + 25°C) Rds(on) will increase by 28%.
Ω
=
∗
Ω
=
m
m
on
Rds
37
.
5
28
.
1
2
.
4
)
(
maximum at 100°C
)
(
2
on
Rds
Is
Rth
Trise
JA
∗
∗
=
Maximum Junction temperature
Trise
T
T
A
J
+
=
max
C
m
A
W
C
C
T
J
°
=
⎟
⎠
⎞
⎜
⎝
⎛
Ω
∗
∗
°
+
°
=
102
37
.
5
)
10
(
50
75
2
max
3. Vaux: Make sure Vaux voltage is higher than Vin
(power source output) by the voltage required to
fully enhance the MOSFET. In this case there is
sufficient headroom on the Vaux supply to
increase the Vgs level for a reduction in power
dissipation due to lower Rds(on). If the MOSFET
requires 8.0V to achieve lower power dissipation,
then
Vaux = Vin + Vgs + 0.5V = 12V + 8.0V + 0.5V =
20.5V.
When Vin is off (0V), PI2001 GND pin is at 0V and
Vaux is higher than the VC clamp voltage. A bias
resistor (Rbias) is needed in series with the VC
pin.
Rbias value:
Ω
=
−
=
−
=
K
mA
V
V
IC
VC
Vaux
Rbias
clamp
45
.
1
2
.
4
5
.
15
6
.
21
max
min
or 1.30KΩ
Rbias resistor power dissipation rating:
Note: Use minimum value for VCClamp voltage to
calculate worst condition power dissipation.
mW
K
V
V
Rbias
VC
Vaux
Pd
clamp
Rbias
100
30
.
1
)
0
.
15
4
.
26
(
)
(
2
2
max
=
Ω
−
=
−
=
Figure 16:
PI2001 in floating application: example 2
Picor Corporation • picorpower.com
PI2001
Rev 1.0
Page 17 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com