Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2001 Datasheet(PDF) 20 Page - Vicor Corporation

Part # PI2001
Description  Universal Active ORing Controller IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2001 Datasheet(HTML) 20 Page - Vicor Corporation

Back Button PI2001 Datasheet HTML 15Page - Vicor Corporation PI2001 Datasheet HTML 16Page - Vicor Corporation PI2001 Datasheet HTML 17Page - Vicor Corporation PI2001 Datasheet HTML 18Page - Vicor Corporation PI2001 Datasheet HTML 19Page - Vicor Corporation PI2001 Datasheet HTML 20Page - Vicor Corporation PI2001 Datasheet HTML 21Page - Vicor Corporation PI2001 Datasheet HTML 22Page - Vicor Corporation PI2001 Datasheet HTML 23Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Layout Recommendation:
Use the following general guidelines when designing
printed circuit boards. An example of the typical land
pattern for a TDFN PI2001 and SO-8/PowerPak
MOSFET is shown in Figure 18:
•
It is best to connect the gate of the MOSFET to
the GATE pin of the controller with a short and
wide trace.
•
The GND pin of the controller carries high peak
current and it should be returned to the ground
plane through a low impedance path.
•
Connections from the SP and SN pins to the
MOSFET source and drain pins respectively
should be as short as possible
•
The VC bypass capacitor should be located as
close as possible to the VC and GND pins. Place
the PI2001 and VC bypass capacitor on the same
layer of the board. The VC pin and CVC PCB trace
should not contain any vias.
•
Connect all MOSFET source pins together with a
wide trace to reduce trace parasitics and to
accommodate the high current input. Similarly,
connect all MOSFET Drain pins together with a
wide trace to accommodate the high current
output.
•
Connect the power source very close to the
MOSFET source connection to reduce the effects
of stray parasitics. If a short trace is not possible,
connect C4 (typically 1µF) as shown in figure 18.
Figure 18:
PI2001 and MOSFET layout
recommendation
Picor Corporation • picorpower.com
PI2001
Rev 1.0
Page 20 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com