Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2001 Datasheet(PDF) 16 Page - Vicor Corporation

Part # PI2001
Description  Universal Active ORing Controller IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2001 Datasheet(HTML) 16 Page - Vicor Corporation

Back Button PI2001 Datasheet HTML 12Page - Vicor Corporation PI2001 Datasheet HTML 13Page - Vicor Corporation PI2001 Datasheet HTML 14Page - Vicor Corporation PI2001 Datasheet HTML 15Page - Vicor Corporation PI2001 Datasheet HTML 16Page - Vicor Corporation PI2001 Datasheet HTML 17Page - Vicor Corporation PI2001 Datasheet HTML 18Page - Vicor Corporation PI2001 Datasheet HTML 19Page - Vicor Corporation PI2001 Datasheet HTML 20Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Recalculate based on calculated Junction
temperature, 115°C.
At 115°C Rds(on) will increase by 32%.
Ω
=
∗
Ω
=
m
m
on
Rds
62
.
4
32
.
1
5
.
3
)
(
C
m
A
W
C
C
T
J
°
=
⎟
⎠
⎞
⎜
⎝
⎛
Ω
∗
∗
°
+
°
=
5
.
116
62
.
4
)
15
(
40
75
2
max
3. Vaux: Make sure Vaux voltage is higher than Vin
(power source output) by the voltage required to
fully enhance the MOSFET. Minimum required
Vaux = Vin + Vgs + 0.5V = 3.3V + 4.5V + 0.5V =
8.3V. Since 8.3V is less than the 11V minimum
Aux supply voltage, there is sufficient voltage
available to drive the gate of the MOSFET.
4. SP and SN pins: Connect the SP pin to the
MOSFET source pin and the SN pin to the
MOSFET drain pin.
5. BK pin: Connect the BK pin to the GND pin to
achieve the minimum reverse current response
time.
6.
SL pin: Not required, so leave floating.
7.
FT pin: Connect to the logic input and to the
logic power supply via a 10KΩ resistor.
8. Program UV and OV to monitor input voltage:
Program UV at 3.0V and OV at 3.6V
Use the three-resistor divider configuration:
A
I
Ra
μ
200
=
Ω
=
=
=
k
A
mV
I
UV
V
Ra
Ra
TH
5
.
2
200
500
)
(
μ
or 2.49kΩ 1%
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
1
)
(
)
(
UV
V
OV
V
Ra
Rb
Ω
=
⎟
⎠
⎞
⎜
⎝
⎛
−
Ω
=
498
1
0
.
3
6
.
3
49
.
2
V
V
k
or 499Ω 1%
()
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
+
=
1
)
(
)
(
TH
UV
V
UV
V
Rb
Ra
Rc
()
Ω
=
⎟
⎠
⎞
⎜
⎝
⎛
−
Ω
+
Ω
=
k
mV
V
k
95
.
14
1
500
0
.
3
499
49
.
2
or 15kΩ 1%
Figure 15:
PI2001 in high side Active ORing
configuration
Picor Corporation • picorpower.com
PI2001
Rev 1.0
Page 16 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com