Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2001 Datasheet(PDF) 22 Page - Vicor Corporation

Part # PI2001
Description  Universal Active ORing Controller IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2001 Datasheet(HTML) 22 Page - Vicor Corporation

Back Button PI2001 Datasheet HTML 15Page - Vicor Corporation PI2001 Datasheet HTML 16Page - Vicor Corporation PI2001 Datasheet HTML 17Page - Vicor Corporation PI2001 Datasheet HTML 18Page - Vicor Corporation PI2001 Datasheet HTML 19Page - Vicor Corporation PI2001 Datasheet HTML 20Page - Vicor Corporation PI2001 Datasheet HTML 21Page - Vicor Corporation PI2001 Datasheet HTML 22Page - Vicor Corporation PI2001 Datasheet HTML 23Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Package Drawing: 8 Lead SOIC
NOTES:
0.058 ±0.003[1.47±0.08]
R0.04 [R0.10] (ALL)
R0.04 [R0.10] (ALL)
SEE DETAIL "A"
0.194+0.002,-0.005[493+0.005,-0.13]
SEATING PLANE
BASE PLANE
0.050 [1.27] (REF.)
(SCALE: 25:1)
TOP VIEW
7°
PIN 1#
BOTTOM VIEW
END VIEW
SIDE VIEW
DETAIL "A"
0.013 ±0.003[0.33±0.08] X 45°
0.026 [0.66]
0.016 ±0.003[0.41±0.08]
1. ALL DIMENSIONS ARE SHOWN IN INCHES [MM].
2. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006 [0.15] PER SIDE.
3. FORMED LEADS SHALL BE PLANAR WITH REPECT TO ONE
ANOTHER WITHIN 0.003 [0.08] AT SEATING PLAN.
4. GENERAL ANGLE TOLERANCES TO BE +/-2".
5. GENERAL TOLERANCES TO BE +/- 0.005 [0.13].
6. THIS POD COMPLIES TO MS-012 ISSUE C.
Ordering Information
Part Number
Package
Transport Media
PI2001-00-QEIG
3mm x 3mm 10 Lead TDFN
Tape & Reel
PI2001-00-SOIG
8 Lead SOIC
Tape & Reel
Picor Corporation • picorpower.com
PI2001
Rev 1.0
Page 22 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com