Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2125 Datasheet(PDF) 7 Page - Vicor Corporation

Part # PI2125
Description  30 Volt, 12 Amp Full-Function Active ORing Solution
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2125 Datasheet(HTML) 7 Page - Vicor Corporation

Back Button PI2125 Datasheet HTML 3Page - Vicor Corporation PI2125 Datasheet HTML 4Page - Vicor Corporation PI2125 Datasheet HTML 5Page - Vicor Corporation PI2125 Datasheet HTML 6Page - Vicor Corporation PI2125 Datasheet HTML 7Page - Vicor Corporation PI2125 Datasheet HTML 8Page - Vicor Corporation PI2125 Datasheet HTML 9Page - Vicor Corporation PI2125 Datasheet HTML 10Page - Vicor Corporation PI2125 Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Forward Voltage Comparator: FWD
The FWD comparator detects when a forward
current condition exists and SP is 6mV positive with
respect to SN. When SP-SN is less than 6mV, the
FWD comparator will assert the Fault flag to report a
fault condition indicative of a light load or “load not
present” condition or possible shorted MOSFET.
Forward Over Current Comparator: FOC
The FOC comparator indicates an excessive forward
current condition when SP is 66mV (typical) higher
than SN. When the FET is in the on-state and SP-
SN is higher than 66mV (typical) the PI2125 will
initiate a fault condition via the FT pin.
Slave:
In high current applications that exceed the single
PI2125 current handling capability, multiple PI2125’s
can be paralleled and synchronized by using the
slave function.
The Slave function synchronizes multiple PI2125’s
together and allows for localized control of each
paralleled MOSFET. One PI2125 will be designated
as the master and it will control the response of the
slaved PI2125’s.
When the PI2125 is configured in the “Master Mode”
by connecting the BK to ground, the SL will be an
output having the same signal characteristics as the
internal Gate Driver.
In this configuration, the
SL output is capable of driving up to ten PI2125’s,
configured
in
“Slave
Mode”,
through
their
corresponding SL pins. Logic high for the SL pin is
limited to 5.5V (max).
When the BK pin is tied to VC, the PI2125 becomes
a slave and the SL
pin will be an input.
The
internal Gate driver section and reverse current
section are the only active circuits in the slaved
PI2125 while the master performs the diagnostics
and gate drive control.
VC and Internal Voltage Regulator:
The PI2125 has a separate input (VC) that provides
power to the control circuitry and the internal gate
driver. An internal regulator clamps the VC voltage
to 15.5V.
For high side applications, the VC input should be at
least 6V above the bus voltage (Vin) to properly
enhance the internal N-channel MOSFET. For bus
voltages higher than 10V (15.5V – 5.5V), the PI2125
should be floated to Vin as shown in Figure 23, and
a resister has to be added in series between Vaux
and VC. The required resister value calculation is
shown in the application section of this document.
The internal regulator circuit has a comparator to
monitor the VC voltage and initiates a FAULT
condition when VC is lower than the VC Under-
Voltage Threshold
UV:
The Under-Voltage (UV) input trip point can be
programmed through an external resistor divider to
monitor the input voltage, when the PI2125 is used
in
ground
referenced
applications.
The
UV
comparator initiates a fault condition and pulls the
FT
pin low, when UV falls below the Under-
Voltage Falling Threshold. If the PI2125 is
configured in a floating application, where the GND
pin is connected to the input voltage, as shown in
Fig 23, the UV pin cannot detect the input voltage. In
this case, the UV pin should be disabled by
connecting it to the VC pin.
OV:
The Over-Voltage (OV) input trip point can be
programmed through an external resistor divider to
monitor the input voltage, when the PI2125 is used
in
ground
referenced
applications.
The
OV
comparator initiates a fault condition and pulls the
FT pin low when OV rises above the Over-Voltage
Rising Threshold. If the PI2125 is configured in a
floating application, where the GND pin is connected
to the input voltage, as shown in Fig 23, the OV pin
cannot detect the input voltage. In this case, the OV
pin should be disabled by connecting it to controller
ground pin.
Over-Temperature Detection:
The internal Over-Temperature block monitors the
junction temperature of the controller. The over-
temperature threshold is set to 160
°C with -10°C of
hysteresis.
When the controller temperature
exceeds this threshold, the over-temperature circuit
initiates a fault condition and pulls the FT pin low.
Fault:
The fault circuit output is an open collector with 40μs
delay to prevent any false triggering. The FT pin
will be pulled low when any of the following faults
occurs:
•
Reverse Current
•
Forward Over-Current
•
Forward Low Current
•
Over-Temperature
•
Input Under-Voltage
•
Input Over-Voltage
•
VC pin Under-Voltage
Picor Corporation • picorpower.com
PI2125
Rev 1.0
Page 7 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com