Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2125 Datasheet(PDF) 18 Page - Vicor Corporation

Part # PI2125
Description  30 Volt, 12 Amp Full-Function Active ORing Solution
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2125 Datasheet(HTML) 18 Page - Vicor Corporation

Back Button PI2125 Datasheet HTML 12Page - Vicor Corporation PI2125 Datasheet HTML 13Page - Vicor Corporation PI2125 Datasheet HTML 14Page - Vicor Corporation PI2125 Datasheet HTML 15Page - Vicor Corporation PI2125 Datasheet HTML 16Page - Vicor Corporation PI2125 Datasheet HTML 17Page - Vicor Corporation PI2125 Datasheet HTML 18Page - Vicor Corporation PI2125 Datasheet HTML 19Page - Vicor Corporation PI2125 Datasheet HTML 20Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Layout Recommendation:
Use the following general guidelines when designing
printed circuit boards. An example of the typical
land pattern for the PI2125 in floating configuration
is shown in Figure 24:
Picor Corporation • picorpower.com
PI2125
Rev 1.0
Page 18 of 20
•
Make sure to have a sold ground (return) plane
to reduce circuit parasitics.
•
In floating configuration, connect the GND pin to
the S pins with a solid plane. In the event it can
not be done on the top plane, create a plane on
the second layer and use multiple vias from the
S pins to the second layer to reduce parasitics.
Connect the SP pin directly to the PI2125 GND
pin to reduce parasitics between the SP pin and
the GND pin to avoid negative voltages on the
SP pin with respect to the GND pin.
•
Connect all S pads together with a wide trace to
reduce trace parasitics to accommodate the high
input current, and also connect all D pads
together with a wide trace to accommodate the
high output current.
•
Use 1oz of copper or thicker if possible to
reduce trace resistance and reduce power
dissipation.
•
The VC bypass capacitor should be located as
close as possible to the VC and GND pins.
Place the PI2125 and bypass capacitor on the
same layer of the board. The VC pin and CVC
PCB trace should not contain any vias.
•
Keep the power source very close to S input
pins, since any parasitic in the trace connecting
the power source and S pins will have inductive
kick back when there is high current flow in the
trace and the MOSFET turns off due to reverse
current fault conditions. The inductive kick back
will produce a high voltage across the MOSFET.
If it is not possible to connect the power source
and S pins with a very short trace or common
point, connect the capacitor (shown as C4 in
figure 24) close to the S pins and return
(ground). Also for the same reason use C6, in
figure 24 at the output.
Figure 25:
PI2125 Mounted on PI2125-EVAL2
Please visit www.picorpower.com for information on PI2125-EVAL2
Figure 24:
PI2125 layout recommendation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com