Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2125 Datasheet(PDF) 13 Page - Vicor Corporation

Part # PI2125
Description  30 Volt, 12 Amp Full-Function Active ORing Solution
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2125 Datasheet(HTML) 13 Page - Vicor Corporation

Back Button PI2125 Datasheet HTML 9Page - Vicor Corporation PI2125 Datasheet HTML 10Page - Vicor Corporation PI2125 Datasheet HTML 11Page - Vicor Corporation PI2125 Datasheet HTML 12Page - Vicor Corporation PI2125 Datasheet HTML 13Page - Vicor Corporation PI2125 Datasheet HTML 14Page - Vicor Corporation PI2125 Datasheet HTML 15Page - Vicor Corporation PI2125 Datasheet HTML 16Page - Vicor Corporation PI2125 Datasheet HTML 17Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Figure 18:
Plot of PI2125 response time to reverse current detection (Example 1, Figure 23)
Application Information
The PI2125 is designed to replace ORing diodes in
high
current,
low
voltage
redundant
power
architectures. Replacing a traditional diode with a
PI2125 will result in significant power dissipation
reduction as well as board space reduction,
efficiency improvement and additional protection
features.
This section describes in detail the
procedure to follow when designing with the PI2125
Active ORing solution.
Fault Indication:
The FT output pin is an open collector and should
be pulled up to the logic voltage or to the controller
VC via a resistor (10KΩ).
In a floating configuration, the FT pin is referenced
to the PI2125 GND pin which is referenced to the
input voltage, Vin. The FT output status can be
reference to the system ground by adding a level
shifting circuit, as shown in figure 19. The level shift
circuit can be designed with one small and
inexpensive off-the-shelf device, a Dual Bias
Resistor Transistor, containing NPN and PNP
transistors
with
their
bias
resistors,
NSBC114EPDXV6T1.
Figure 19: FT Level shift circuit
Picor Corporation • picorpower.com
PI2125
Rev 1.0
Page 13 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com