Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2125 Datasheet(PDF) 3 Page - Vicor Corporation

Part # PI2125
Description  30 Volt, 12 Amp Full-Function Active ORing Solution
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2125 Datasheet(HTML) 3 Page - Vicor Corporation

  PI2125 Datasheet HTML 1Page - Vicor Corporation PI2125 Datasheet HTML 2Page - Vicor Corporation PI2125 Datasheet HTML 3Page - Vicor Corporation PI2125 Datasheet HTML 4Page - Vicor Corporation PI2125 Datasheet HTML 5Page - Vicor Corporation PI2125 Datasheet HTML 6Page - Vicor Corporation PI2125 Datasheet HTML 7Page - Vicor Corporation PI2125 Datasheet HTML 8Page - Vicor Corporation PI2125 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Absolute Maximum Ratings
Drain-to-Source Voltage (VDS)
30V @ 25°C
Source Current (IS ) Continuous
12A
Source Current (IS ) Pulsed (10μs)
60A
Thermal Resistance RθJA
(3)
54
°C/W
VC
-0.3V to 17.3V / 40mA
SN
-0.3V to 30V / 10mA
-0.3V to 8.0V / 10mA
SP, OV, SL
-0.3V to 17.3V / 10mA
UV,BK, FT
GND
-0.3V / 5A peak
-65
oC to 150oC
Storage Temperature
-40
oC to Over Temperature Fault (T
FT)
Operating Junction Temperature
250
oC
Lead Temperature (Soldering, 20 sec)
ESD Rating
2kV HBM
Electrical Specifications
Unless otherwise specified: -40
°C < TJ < 125°C, VC =12V, CVc = 1uF, CSL = 10pF
Parameter
Symbol
Min
Typ
Max
Units
Conditions
VC Supply
Operating Supply Range(4)
VVC-GND
4.5
13.2
V
No VC limiting resistors
Quiescent Current
IVC
3.7
4.2
mA
Normal Operating Condition, No
Faults
VC Clamp Voltage
VVC-CLM
15
15.5
16
V
IVC=10mA
VC Clamp Shunt Resistance
RVC
7.5
Ω
Delta IVC=10mA
VC Under-voltage Rising Threshold
VVCUVR
4.3
4.5
V
VC Under-voltage Falling Threshold
VVCUVF
4.0
4.15
V
VC Under-voltage Hysteresis
VVCUV-HS
150
mV
Internal N-Channel MOSFET
Drain-to-Source Breakdown Voltage
BVDSS
30
V
In OFF state, ID=250µA ,
Tj=25°C, Figure 10, Page 11
Source Current Continuous
IS
12
A
In ON state, Tj=25°C
Drain Leakage Current
IDLK
10
μA
In OFF state, VDS=30V,
Tj=25°C
Drain-to-Source On Resistance
RDSon
5.5
7.0
m
Ω
In ON state, IS=8A, Tj=25°C
VC-V(S) ≥ 5V
Body Diode Forward Voltage
Vf-BD
0.7
1.0
V
In ON state, IS=4A, Tj=25°C
FAULT
Under-Voltage Rising Threshold
VUVR
500
540
mV
Under-Voltage Falling Threshold
VUVF
440
475
mV
Under-Voltage Threshold Hysteresis
VUV-HS
25
mV
Under-Voltage Bias Current
IUV
-1
1
μA
Over-Voltage Rising Threshold
VOVR
500
540
mV
Over-Voltage Falling Threshold
VOVF
440
475
mV
Picor Corporation • picorpower.com
PI2125
Rev 1.0
Page 3 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com