Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2125 Datasheet(PDF) 5 Page - Vicor Corporation

Part # PI2125
Description  30 Volt, 12 Amp Full-Function Active ORing Solution
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2125 Datasheet(HTML) 5 Page - Vicor Corporation

  PI2125 Datasheet HTML 1Page - Vicor Corporation PI2125 Datasheet HTML 2Page - Vicor Corporation PI2125 Datasheet HTML 3Page - Vicor Corporation PI2125 Datasheet HTML 4Page - Vicor Corporation PI2125 Datasheet HTML 5Page - Vicor Corporation PI2125 Datasheet HTML 6Page - Vicor Corporation PI2125 Datasheet HTML 7Page - Vicor Corporation PI2125 Datasheet HTML 8Page - Vicor Corporation PI2125 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Picor Corporation • picorpower.com
PI2125
Rev 1.0
Page 5 of 20
Electrical Specifications
Unless otherwise specified: -40
°C < TJ < 125°C, VC =12V, CVc = 1uF, CSL = 10pF
Parameter
Symbol
Min
Typ
Max
Units
Conditions
BLANK
Blank Source Current
IBK
-60
-45
-30
μA
VBK=0V
Blank Output Voltage
VBK
0.77
0.9
V
IBK=5μA Connected to GND
Blank Slave Mode Threshold
VBK-TH
1.2
1.45
1.7
V
Note 1:
These parameters are not production tested but are guaranteed by design, characterization and
correlation with statistical process control.
Note 2:
Current sourced by a pin is reported with a negative sign.
Note 3:
Thermal resistance characterized on PI2125-EVAL2 evaluation board with 0 LFM airflow.
Note 4:
Refer to the Auxiliary Power Supply section in the Application Information for details on the VC
requirement to fully enhance the internal MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com