Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2125 Datasheet(PDF) 17 Page - Vicor Corporation

Part # PI2125
Description  30 Volt, 12 Amp Full-Function Active ORing Solution
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2125 Datasheet(HTML) 17 Page - Vicor Corporation

Back Button PI2125 Datasheet HTML 12Page - Vicor Corporation PI2125 Datasheet HTML 13Page - Vicor Corporation PI2125 Datasheet HTML 14Page - Vicor Corporation PI2125 Datasheet HTML 15Page - Vicor Corporation PI2125 Datasheet HTML 16Page - Vicor Corporation PI2125 Datasheet HTML 17Page - Vicor Corporation PI2125 Datasheet HTML 18Page - Vicor Corporation PI2125 Datasheet HTML 19Page - Vicor Corporation PI2125 Datasheet HTML 20Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Transistor circuit which is available as a small device
that contains two transistors and their bias resistors.
Recalculate TJ:
C
m
A
W
C
C
T
J
°
=
⎟
⎠
⎞
⎜
⎝
⎛
Ω
∗
∗
°
+
°
=
121
45
.
9
)
10
(
54
70
2
UV and OV inputs:
In floating applications these
pins can not be used to monitor Vin. Connect UV to
the VC pin and OV to the GND pin to disable their
function.
Maximum power dissipation at 121°C:
mW
m
A
on
Rds
Iin
Pd
945
45
.
9
)
10
(
)
(
2
2
max
=
Ω
∗
=
∗
=
Power Dissipation and Junction Temperature:
First use Figure 13 (Junction Temperature vs. Input
Current) to find the final junction temperature at 10A
load current and 70°C ambient temperature. In
Figure 13 (illustrated in Figure 22) draw a vertical
line from 10A to intersect the TA=70°C line. At the
10A and TA=70°C line intersection draw a horizontal
line towards the Y-axis (Junction Temperature). The
Junction Temperature at full load current (10A) and
70°C ambient is 120°C.
Rds(on) is 7.0mΩ maximum at 25°C and will
increase as the Junction temperature increases.
From Figure 11, at 120°C Rds(on) will increase by
~35%, then
Figure 23
: PI2125, 12V floating Active ORing
application
Reverse current threshold:
The following procedure demonstrates how to
calculate the minimum required reverse current in
the internal MOSFET to generate a reverse fault
condition and turn off the internal MOSFET.
At room temperature (25°C) typical Rds(on):
Figure 22:
Example 1 final junction temperature at
10A/70°C TA
A
m
mV
on
Rds
reverse
Vth
reverse
Is
1
.
1
5
.
5
6
)
(
.
.
−
=
Ω
−
=
=
Ω
=
•
Ω
=
m
m
on
Rds
45
.
9
35
.
1
0
.
7
)
(
maximum at 120°C
At maximum junction temperature (121°C) and
maximum Rds(on):
JA
Rth : 54°C/W
mA
m
mV
on
Rds
reverse
Vth
reverse
Is
635
45
.
9
6
)
(
.
.
−
=
Ω
−
=
=
)
(
2
on
Rds
Is
Rth
T
T
JA
A
J
∗
∗
+
=
Picor Corporation • picorpower.com
PI2125
Rev 1.0
Page 17 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com